Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF40ABDT Datasheet (PDF) - STMicroelectronics

LF40ABDT Datasheet PDF - STMicroelectronics
Part # LF40ABDT
Download  LF40ABDT Download
File Size   260.3 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT

LF40ABDT Datasheet (PDF)

Go To PDF Page Download Datasheet
LF40ABDT Datasheet PDF - STMicroelectronics

Part # LF40ABDT
Download  LF40ABDT Click to download

File Size   260.3 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT

LF40ABDT Datasheet (HTML) - STMicroelectronics


LF40ABDT Product details

DESCRIPTION
The LF00 series are very Low Drop regulators available in PENTAWATT, TO-220, ISOWATT220, DPAK and PPAK package and in a wide range of output voltages.
The very Low Drop voltage (0.45V) and the very low quiescent current make them particularly suitable for Low Noise, Low Power applications and specially in battery powered systems.

■ VERY LOW DROPOUT VOLTAGE (0.45V)
■ VERY LOW QUIESCENT CURRENT (TYP. 50 µA IN OFF MODE, 500µA IN ON MODE)
■ OUTPUT CURRENT UP TO 500 mA
■ LOGIC-CONTROLLEDELECTRONIC SHUTDOWN
■ OUTPUT VOLTAGESOF 1.25; 1.5; 1.8; 2.5; 2.7; 3; 3.3; 3.5; 4; 4.5; 4.7; 5; 5.2; 5.5; 6; 8; 8.5; 9; 12V
■ INTERNAL CURRENT AND THERMAL LIMIT
■ ONLY 2.2µF FOR STABILITY
■ AVAILABLEIN ± 1% (AB) OR ± 2% (C) SELECTIONAT 25 oC
■ SUPPLY VOLTAGE REJECTION: 80 db (TYP.)




Similar Part No. - LF40ABDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LF40ABDT STMICROELECTRONICS-LF40ABDT Datasheet
649Kb / 34P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Aug-2003
LF40ABDT STMICROELECTRONICS-LF40ABDT Datasheet
598Kb / 46P
Very low drop voltage regulators with inhibit
24-May-2006
LF40ABDT-TR STMICROELECTRONICS-LF40ABDT-TR Datasheet
598Kb / 46P
Very low drop voltage regulators with inhibit
24-May-2006
More results


Similar Description - LF40ABDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
KF00 STMICROELECTRONICS-KF00 Datasheet
224Kb / 17P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jan-2004
L4931 STMICROELECTRONICS-L4931 Datasheet
324Kb / 29P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jan-2004
LF00 STMICROELECTRONICS-LF00 Datasheet
649Kb / 34P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Aug-2003
LK115D00 STMICROELECTRONICS-LK115D00 Datasheet
81Kb / 10P
VERY LOW DROP WITH INHIBIT VOLTAGE REGULATORS
Sep-1998
LF00 STMICROELECTRONICS-LF00_06 Datasheet
598Kb / 46P
Very low drop voltage regulators with inhibit
24-May-2006
KFXXB STMICROELECTRONICS-KFXXB Datasheet
740Kb / 22P
Very low drop voltage regulators with inhibit
14-Dec-2007
LD2979XX STMICROELECTRONICS-LD2979XX Datasheet
298Kb / 15P
Very low drop voltage regulators with inhibit
09-Apr-2008
LEXXAB STMICROELECTRONICS-LEXXAB_08 Datasheet
908Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
L4931ABXX STMICROELECTRONICS-L4931ABXX Datasheet
905Kb / 36P
Very low drop voltage regulators with inhibit
18-Aug-2008
LEXXAB STMICROELECTRONICS-LEXXAB Datasheet
912Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com