Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F101R4 Datasheet (PDF) - STMicroelectronics

STM32F101R4 Datasheet PDF - STMicroelectronics
Part # STM32F101R4
Download  STM32F101R4 Download
File Size   1501.87 Kbytes
Page   87 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low-density access line, ARM®-based 32 bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces

STM32F101R4 Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32F101R4 Datasheet PDF - STMicroelectronics

Part # STM32F101R4
Download  STM32F101R4 Click to download

File Size   1501.87 Kbytes
Page   87 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low-density access line, ARM®-based 32 bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces

STM32F101R4 Datasheet (HTML) - STMicroelectronics


STM32F101R4 Product details

Features
• Core: ARM® 32-bit Cortex®-M3 CPU
– 36 MHz maximum frequency, 1.25 DMIPS/MHz (Dhrystone 2.1) performance at 0 wait state memory access
– Single-cycle multiplication and hardware division
• Memories
– 16 to 32 Kbytes of Flash memory
– 4 to 6 Kbytes of SRAM
• Clock, reset and supply management
– 2.0 to 3.6 V application supply and I/Os
– POR, PDR and programmable voltage detector (PVD)
– 4-to-16 MHz crystal oscillator
– Internal 8 MHz factory-trimmed RC
– Internal 40 kHz RC
– PLL for CPU clock
– 32 kHz oscillator for RTC with calibration
• Low power
– Sleep, Stop and Standby modes
– VBAT supply for RTC and backup registers
• Debug mode
– Serial wire debug (SWD) and JTAG interfaces
• DMA
– 7-channel DMA controller
– Peripherals supported: timers, ADC, SPIs, I2Cs and USARTs
• 1 × 12-bit, 1 μs A/D converter (up to 16 channels)
– Conversion range: 0 to 3.6 V
– Temperature sensor
• Up to 51 fast I/O ports
– 26/37/51 I/Os, all mappable on 16 external interrupt vectors and almost all 5 V-tolerant
• Up to 5 timers
– Up to two16-bit timers, each with up to 4 IC/OC/PWM or pulse counter
– 2 watchdog timers (Independent and Window)
– SysTick timer: 24-bit downcounter
• Up to 4 communication interfaces
– 1 x I2C interface (SMBus/PMBus)
– Up to 2 USARTs (ISO 7816 interface, LIN, IrDA capability, modem control)
– 1 × SPI (18 Mbit/s)
• CRC calculation unit, 96-bit unique ID
• ECOPACK® packages

Description
The STM32F101x4 and STM32F101x6 Low-density access line family incorporates the high-performance ARM Cortex®-M3 32-bit RISC core operating at a 36 MHz frequency, high-speed embedded memories (Flash memory of 16 to 32 Kbytes and SRAM of 4 to 6 Kbytes), and an extensive range of enhanced peripherals and I/Os connected to two APB buses. All devices offer standard communication interfaces (one I2C, one SPI, and two USARTs), one 12-bit ADC and up to two general-purpose 16-bit timers.
The STM32F101xx Low-density access line family operates in the –40 to +85 °C temperature range, from a 2.0 to 3.6 V power supply. A comprehensive set of power-saving mode allows the design of low-power applications.
The STM32F101xx Low-density access line family includes devices in three different packages ranging from 36 pins to 64 pins. Depending on the device chosen, different sets of peripherals are included, the description below gives an overview of the complete range of peripherals proposed in this family.
These features make the STM32F101xx Low-density access line microcontroller family suitable for a wide range of applications such as application control and user interface, medical and handheld equipment, PC peripherals, gaming and GPS platforms, industrial applications, PLCs, inverters, printers, scanners, alarm systems, Video intercoms, and HVACs.




Similar Part No. - STM32F101R4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F101R4 STMICROELECTRONICS-STM32F101R4 Datasheet
972Kb / 73P
Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
24-Sep-2009
STM32F101R4 STMICROELECTRONICS-STM32F101R4 Datasheet
1Mb / 79P
Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
19-Apr-2011
STM32F101R4T6ATR STMICROELECTRONICS-STM32F101R4T6ATR Datasheet
972Kb / 73P
Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
24-Sep-2009
STM32F101R4T6AXXX STMICROELECTRONICS-STM32F101R4T6AXXX Datasheet
972Kb / 73P
Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
24-Sep-2009
STM32F101R4T6TR STMICROELECTRONICS-STM32F101R4T6TR Datasheet
972Kb / 73P
Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
24-Sep-2009
More results


Similar Description - STM32F101R4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F101X8 STMICROELECTRONICS-STM32F101X8_09 Datasheet
999Kb / 81P
Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
22-Sep-2009
STM32F102X4 STMICROELECTRONICS-STM32F102X4 Datasheet
872Kb / 69P
Low-density USB access line, ARM-based 32-bit MCU with 16/32 KB Flash, USB FS interface, 5 timers, ADC & 5 communication interfaces
24-Sep-2009
STM32F101X4 STMICROELECTRONICS-STM32F101X4 Datasheet
972Kb / 73P
Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
24-Sep-2009
STM32F101X4 STMICROELECTRONICS-STM32F101X4_10 Datasheet
1Mb / 77P
Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers
20-May-2010
STM32F101C6T6 STMICROELECTRONICS-STM32F101C6T6 Datasheet
1Mb / 79P
Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
19-Apr-2011
STM32F101R6T6 STMICROELECTRONICS-STM32F101R6T6 Datasheet
1Mb / 79P
Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
19-Apr-2011
STM32F102C6T6A STMICROELECTRONICS-STM32F102C6T6A Datasheet
855Kb / 69P
Low-density USB access line, ARM-based 32-bit MCU with 16/32 KB Flash, USB FS interface, 5 timers, ADC & 5 communication interfaces
24-Sep-2009
STM32F101T6U6A STMICROELECTRONICS-STM32F101T6U6A Datasheet
1Mb / 79P
Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
19-Apr-2011
STM32F101C4T6A STMICROELECTRONICS-STM32F101C4T6A Datasheet
1Mb / 79P
Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
19-Apr-2011
STM32F101RBH6 STMICROELECTRONICS-STM32F101RBH6 Datasheet
1Mb / 90P
Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
05-Aug-2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com