Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSD2100107BHR Datasheet (PDF) - Amphenol Communications Solutions

GSD2100107BHR Datasheet PDF - Amphenol Communications Solutions
Part # GSD2100107BHR
Download  GSD2100107BHR Download
File Size   273.39 Kbytes
Page   2 Pages
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions
Description SD EXPRESS PUSH-PUSH CONNECTORS WITH DETECTION PIN

GSD2100107BHR Datasheet (PDF)

Go To PDF Page Download Datasheet
GSD2100107BHR Datasheet PDF - Amphenol Communications Solutions

Part # GSD2100107BHR
Download  GSD2100107BHR Click to download

File Size   273.39 Kbytes
Page   2 Pages
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions
Description SD EXPRESS PUSH-PUSH CONNECTORS WITH DETECTION PIN

GSD2100107BHR Datasheet (HTML) - Amphenol Communications Solutions


GSD2100107BHR Product details

FEATURES
§ PCIe® Gen 3 interface
§ NVMe application protocol
§ 5,000 mating cycles
§ Pin detection function
§ RoHS compliant and lead-free
§ Halogen-free resin material

BENEFITS
§ Offers data transfer rate up to 8.0Gb/s
§ Flexible design, better transfer rate
§ High durability
§ Better protection and read capabilities when memory card
is inserted
§ Meets health and safety requirements
§ Meets environmental requirements




Similar Part No. - GSD2100107BHR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSD2004A VISHAY-GSD2004A Datasheet
75Kb / 4P
Dual Common-Anode Small-Signal High-Voltage Switching Diode
08-Jul-04
GSD2004A VISHAY-GSD2004A Datasheet
97Kb / 4P
Dual Common Anode Small Signal High Voltage Switching Diode
13-Feb-18
GSD2004A VISHAY-GSD2004A Datasheet
98Kb / 4P
Dual Common Anode Small Signal High Voltage Switching Diode
13-Feb-18
GSD2004A-E3-08 VISHAY-GSD2004A-E3-08 Datasheet
97Kb / 4P
Dual Common Anode Small Signal High Voltage Switching Diode
13-Feb-18
GSD2004A-E3-18 VISHAY-GSD2004A-E3-18 Datasheet
97Kb / 4P
Dual Common Anode Small Signal High Voltage Switching Diode
13-Feb-18
More results


Similar Description - GSD2100107BHR

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
502570-0893 MOLEX-502570-0893 Datasheet
1Mb / 2P
micro SD Card Connectors Push-Push, with Anti Card Fly-Out & Anti-Sticking Features
logo
Yamaichi Electronics Co...
FPS009-2305-0 YAMAICHI-FPS009-2305-0 Datasheet
122Kb / 2P
SD Card and MMC Reader - Push/Push (Small Size)
FPS009-2901-0 YAMAICHI-FPS009-2901-0 Datasheet
176Kb / 2P
SD Card & MMC Reader - Push / Push (Low Profile)
FPS009-2910-0 YAMAICHI-FPS009-2910-0 Datasheet
208Kb / 2P
SD Card & MMC Reader - Push / Push (with Stand-off)
logo
SUYIN USA, INC.
250049FB009SXXXZA SUYIN-USA-250049FB009SXXXZA Datasheet
133Kb / 1P
2.50mm Pitch SD Card Push - Push Reverse Type
logo
Wurth Elektronik GmbH &...
693061010911 WURTH-693061010911 Datasheet
1Mb / 3P
SD Card Connector - Push & Push - With Card Detection 9 pins
logo
List of Unclassifed Man...
693071010811 ETC2-693071010811 Datasheet
893Kb / 2P
DESCRIPTION Micro SD Card Connector - Push Push - With Card Detection 8 pins
logo
Wurth Elektronik GmbH &...
693063010911 WURTH-693063010911 Datasheet
1Mb / 3P
SD Card Connector - Push & Pull - With Card Detection 9 pins
693063020911 WURTH-693063020911 Datasheet
914Kb / 3P
SD Card Connector - Push & Pull - Short Type With Card Detection - 9 pins
693161011911 WURTH-693161011911 Datasheet
650Kb / 4P
SD 4.0 PUSH & PUSH TYPE SMT - WITH CARD DETECTION - 3.00 MM HEIGHT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com