Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10167314-XXX Datasheet (PDF) - Amphenol Communications Solutions

10167314-XXX Datasheet PDF - Amphenol Communications Solutions
Part # 10167314-XXX
Download  10167314-XXX Download
File Size   300.67 Kbytes
Page   2 Pages
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions
Description OCP ORv3 AC Input Connector and Cable Assemblies

10167314-XXX Datasheet (PDF)

Go To PDF Page Download Datasheet
10167314-XXX Datasheet PDF - Amphenol Communications Solutions

Part # 10167314-XXX
Download  10167314-XXX Click to download

File Size   300.67 Kbytes
Page   2 Pages
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions
Description OCP ORv3 AC Input Connector and Cable Assemblies

10167314-XXX Datasheet (HTML) - Amphenol Communications Solutions


10167314-XXX Product details

FEATURES
§ Contacts with high conductivity Copper Alloy
§ Overmolded and 2-piece hard shell strain relief options
§ IP20, touch-safe and pin sequencing (plug/receptacle)
§ Polarization and guidance between connectors, panels and
PCB’s
§ 16AWG – 8AWG wiring options
§ Low profile configurations

BENEFITS
§ Meets various voltage and current ratings
§ Design flexibility within rack space restrictions
§ Provides additional safety features and customized
sequencing options for individual application requirements
§ Ensures proper mating of cables and prevents
misalignment during installation
§ Design flexibility for various current and voltage
requirements and cable routing within the box
§ Ideal for 1U power supplies or power distribution systems




Similar Part No. - 10167314-XXX

ManufacturerPart #DatasheetDescription
logo
Norgren Ltd
10167 NORGREN-10167 Datasheet
8Mb / 18P
PNEUFIT 10 series Push-in fittings
03/23
logo
Heyco.
10167 HEYCO-10167 Datasheet
115Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
Norgren Ltd
10167 NORGREN-10167 Datasheet
243Kb / 11P
Pneufit Push-in Tube Fittings Inch 1⁄8" – 1⁄2" O/D tube
01/97
logo
Amphenol Communications...
10167129-00011LF AMPHENOLCS-10167129-00011LF Datasheet
555Kb / 5P
USB Type C Connector and Cable Assembly
logo
SICK AG
1016715 SICK-1016715 Datasheet
1Mb / 8P
CONTRAST SENSORS
More results


Similar Description - 10167314-XXX

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LCCE-020X172 LINKCOM-LCCE-020X172 Datasheet
114Kb / 2P
AC Input 90~305Vac SCP / OVP / OCP
LCCE-020X601 LINKCOM-LCCE-020X601 Datasheet
114Kb / 2P
AC Input 90~305Vac SCP / OVP / OCP
LCCE-020X701 LINKCOM-LCCE-020X701 Datasheet
114Kb / 2P
AC Input 90~305Vac SCP / OVP / OCP
LCCE-020X801 LINKCOM-LCCE-020X801 Datasheet
112Kb / 2P
AC Input 90~305Vac SCP / OVP / OCP
LCCE-025X701 LINKCOM-LCCE-025X701 Datasheet
113Kb / 2P
AC Input 90~305Vac SCP / OVP / OCP
LCCE-025X801 LINKCOM-LCCE-025X801 Datasheet
112Kb / 2P
AC Input 90~305Vac SCP / OVP / OCP
LCCE-030X112 LINKCOM-LCCE-030X112 Datasheet
111Kb / 2P
AC Input 90~305Vac SCP / OVP / OCP
LSP200212002 LINKCOM-LSP200212002_14 Datasheet
110Kb / 2P
AC Input 90~264Vac SCP / OVP / OCP
LSP600212001 LINKCOM-LSP600212001 Datasheet
111Kb / 2P
AC Input 90~264Vac SCP / OVP / OCP
LSP600224001 LINKCOM-LSP600224001 Datasheet
113Kb / 2P
AC Input 90~264Vac SCP / OVP / OCP
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com