Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPC0016 Datasheet (PDF) - Proto Advantage SMD Adapter

IPC0016 Datasheet PDF - Proto Advantage SMD Adapter
Part # IPC0016
Download  IPC0016 Download
File Size   46.02 Kbytes
Page   2 Pages
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter
Description QFN-28 to DIP-32 SMT Adapter (0.5 mm pitch, 4 x 5 mm body)

IPC0016 Datasheet (PDF)

Go To PDF Page Download Datasheet
IPC0016 Datasheet PDF - Proto Advantage SMD Adapter

Part # IPC0016
Download  IPC0016 Click to download

File Size   46.02 Kbytes
Page   2 Pages
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter
Description QFN-28 to DIP-32 SMT Adapter (0.5 mm pitch, 4 x 5 mm body)

IPC0016 Datasheet (HTML) - Proto Advantage SMD Adapter




Similar Part No. - IPC0016

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0010 PROTOADVANTAGE-IPC0010 Datasheet
46Kb / 2P
QFN-20 to DIP-24 SMT Adapter (0.5 mm pitch, 3 x 4 mm body)
revision 1.0
IPC0011 PROTOADVANTAGE-IPC0011 Datasheet
46Kb / 2P
QFN-20 to DIP-24 SMT Adapter (0.5 mm pitch, 4 x 4 mm body)
revision 1.0
IPC0012 PROTOADVANTAGE-IPC0012 Datasheet
45Kb / 2P
QFN-20 to DIP-24 SMT Adapter (0.65 mm pitch, 5 x 5 mm body)
revision 1.0
IPC0012C PROTOADVANTAGE-IPC0012C Datasheet
194Kb / 2P
QFN-20 to DIP-24 SMT Adapter (0.65 mm pitch, 5 x 5 mm body) Compact Series
revision 1.1
IPC0013 PROTOADVANTAGE-IPC0013 Datasheet
46Kb / 2P
QFN-20 to DIP-24 SMT Adapter (0.8 mm pitch, 6 x 6 mm body)
revision 1.0
More results


Similar Description - IPC0016

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK28D-LLP ACCUTEK-AK28D-LLP Datasheet
372Kb / 6P
28 Pin to 32 Pin DIP Adapters
logo
Aries Electronics, Inc.
14-35W000-10 ARIES-14-35W000-10 Datasheet
450Kb / 1P
SOWIC-to-DIP Adapter - 14/28 Pins
logo
Schurter Inc.
07510056 SCHURTER-07510056 Datasheet
393Kb / 2P
Clip, 5 x 20 / 6.3 x 32 mm, UR
00318231 SCHURTER-00318231 Datasheet
415Kb / 2P
Fuseholder Open Design, 5 x 20 / 6.3 x 32 mm
00318241 SCHURTER-00318241 Datasheet
417Kb / 2P
Fuseholder Open Design, 5 x 20 / 6.3 x 32 mm
logo
ILSI America LLC
ILCX04 ILSI-ILCX04 Datasheet
46Kb / 2P
4 Pad Ceramic Package, 5 mm x 7 mm
logo
List of Unclassifed Man...
HHT ETC1-HHT Datasheet
442Kb / 1P
5 mm x 15 mm and 5 mm x 20 mm in-line fuse holder
logo
Eaton All Rights Reserv...
HHT EATON-HHT Datasheet
473Kb / 1P
5 mm x 15 mm and 5 mm x 20 mm in-line fuse holder
logo
Schurter Inc.
0751.0056 SCHURTER-0751.0056_V01 Datasheet
230Kb / 2P
Clip, 5 x 20 / 6.3 x 32 mm, UR
15.09.2021
logo
NXP Semiconductors
NAFE11388 NXP-NAFE11388 Datasheet
226Kb / 7P
thermal enhanced very thin quad flat package, no leads, dimple wettable flank; 64 terminals, 0.5 mm pitch, 9 mm x 9 mm x 0.85 mm body
Rev. 1-29 December 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com