Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W008T Datasheet (PDF) - STMicroelectronics

M29W008T Datasheet PDF - STMicroelectronics
Part # M29W008T
Download  M29W008T Download
File Size   219.24 Kbytes
Page   30 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 Mbit 1Mb x8, Boot Block Low Voltage Single Supply Flash Memory

M29W008T Datasheet (PDF)

Go To PDF Page Download Datasheet
M29W008T Datasheet PDF - STMicroelectronics

Part # M29W008T
Download  M29W008T Click to download

File Size   219.24 Kbytes
Page   30 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 Mbit 1Mb x8, Boot Block Low Voltage Single Supply Flash Memory

M29W008T Datasheet (HTML) - STMicroelectronics


M29W008T Product details

DESCRIPTION
The M29W008 is a non-volatile memory that may be erased electrically at the block or chip level and programmed in-system on a Byte-by-Byte basis using only a single 2.7V to 3.6V VCC supply. For Program and Erase operations the necessary high voltages are generated internally. The device can also be programmed in standard programmers.

■ M29W008T and M29W008B are replaced respectively by the M29W008AT and M29W008AB
■ 2.7V to 3.6V SUPPLY VOLTAGE for PROGRAM, ERASE and READ OPERATIONS
■ FAST ACCESS TIME: 100ns
■ FAST PROGRAMMING TIME: 10µs typical
■ PROGRAM/ERASE CONTROLLER (P/E.C.)
    – Program Byte-by-Byte
    – Status Register bits and Ready/Busy Output
■ MEMORY BLOCKS
    – Boot Block (Top or Bottom location)
    – Parameter and Main blocks
■ BLOCK, MULTI-BLOCK and CHIP ERASE
■ MULTI BLOCK PROTECTION/TEMPORARY UNPROTECTION MODES
■ ERASE SUSPEND and RESUME MODES
    – Read and Program another Block during Erase Suspend
■ LOW POWER CONSUMPTION
    – Stand-by and Automatic Stand-by
■ 100,000 PROGRAM/ERASE CYCLES per BLOCK
■ 20 YEARS DATA RETENTION
    – Defectivity below 1ppm/year
■ ELECTRONIC SIGNATURE
    – Manufacturer Code: 20h
    – Device Code, M29W008T: D2h
    – Device Code, M29W008B: DCh




Similar Part No. - M29W008T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W008AB STMICROELECTRONICS-M29W008AB Datasheet
218Kb / 30P
8 Mbit 1Mb x8, Boot Block Low Voltage Single Supply Flash Memory
06-Mar-2000
M29W008AB100N1T STMICROELECTRONICS-M29W008AB100N1T Datasheet
218Kb / 30P
8 Mbit 1Mb x8, Boot Block Low Voltage Single Supply Flash Memory
06-Mar-2000
M29W008AB100N5T STMICROELECTRONICS-M29W008AB100N5T Datasheet
218Kb / 30P
8 Mbit 1Mb x8, Boot Block Low Voltage Single Supply Flash Memory
06-Mar-2000
M29W008AB100N6T STMICROELECTRONICS-M29W008AB100N6T Datasheet
218Kb / 30P
8 Mbit 1Mb x8, Boot Block Low Voltage Single Supply Flash Memory
06-Mar-2000
M29W008AB120N1T STMICROELECTRONICS-M29W008AB120N1T Datasheet
218Kb / 30P
8 Mbit 1Mb x8, Boot Block Low Voltage Single Supply Flash Memory
06-Mar-2000
More results


Similar Description - M29W008T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F080A STMICROELECTRONICS-M29F080A Datasheet
131Kb / 21P
8 Mbit 1Mb x8, Uniform Block Single Supply Flash Memory
30-Mar-2000
M29F800AT STMICROELECTRONICS-M29F800AT Datasheet
142Kb / 21P
8 Mbit 1Mb x8 or 512Kb x16, Boot Block Single Supply Flash Memory
14-Jan-2000
M29W008AT STMICROELECTRONICS-M29W008AT Datasheet
218Kb / 30P
8 Mbit 1Mb x8, Boot Block Low Voltage Single Supply Flash Memory
06-Mar-2000
M29W160BT STMICROELECTRONICS-M29W160BT Datasheet
170Kb / 25P
16 Mbit 2Mb x8 or 1Mb x16, Boot Block Low Voltage Single Supply Flash Memory
09-Feb-2000
M29W800AT STMICROELECTRONICS-M29W800AT Datasheet
234Kb / 33P
8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory
06-Mar-2000
M29W800T STMICROELECTRONICS-M29W800T Datasheet
233Kb / 33P
8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory
Jun-1999
M29F800DT STMICROELECTRONICS-M29F800DT Datasheet
332Kb / 39P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
17-Feb-2003
M29W800AT STMICROELECTRONICS-M29W800AT_04 Datasheet
717Kb / 40P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
09-Mar-2004
M29W800DT70N6 STMICROELECTRONICS-M29W800DT70N6 Datasheet
651Kb / 41P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
23-Apr-2004
M29W800DT70N1 STMICROELECTRONICS-M29W800DT70N1 Datasheet
651Kb / 41P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
23-Apr-2004
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com