Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP200N05NF Datasheet (PDF) - A POWER MICROELECTRONICS

AP200N05NF Datasheet PDF - A POWER MICROELECTRONICS
Part # AP200N05NF
Download  AP200N05NF Download
File Size   1031.66 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 45V N-Channel Enhancement Mode MOSFET

AP200N05NF Datasheet (PDF)

Go To PDF Page Download Datasheet
AP200N05NF Datasheet PDF - A POWER MICROELECTRONICS

Part # AP200N05NF
Download  AP200N05NF Click to download

File Size   1031.66 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 45V N-Channel Enhancement Mode MOSFET

AP200N05NF Datasheet (HTML) - A POWER MICROELECTRONICS


AP200N05NF Product details

Features
- VDS = 45V ID =200A
- RDS(ON) < 1.3mΩ @ VGS=10V (Type:0.95mΩ)

Applications
- BMS
- BLDC
- UPS




Similar Part No. - AP200N05NF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP200N03GD APME-AP200N03GD Datasheet
743Kb / 7P
30V N-Channel Enhancement Mode MOSFET
REV1.0
AP200N03NF APME-AP200N03NF Datasheet
766Kb / 7P
30V N-Channel Enhancement Mode MOSFET
REV1.0
AP200N03P APME-AP200N03P Datasheet
1Mb / 7P
30V N-Channel Enhancement Mode MOSFET
AP200N03PT APME-AP200N03PT Datasheet
1Mb / 7P
30V N-Channel Enhancement Mode MOSFET
AP200N03T APME-AP200N03T Datasheet
1Mb / 7P
30V N-Channel Enhancement Mode MOSFET
More results


Similar Description - AP200N05NF

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN4060SVT DIODES-DMN4060SVT Datasheet
212Kb / 7P
45V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN4060SVT DIODES-DMN4060SVT_15 Datasheet
212Kb / 7P
45V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
GOOD-ARK Electronics
SSF4203 GOOD-ARK-SSF4203_15 Datasheet
1Mb / 7P
45V N-Channel MOSFET
SSF4203 GOOD-ARK-SSF4203 Datasheet
1Mb / 7P
45V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HRLF29N045H SEMIHOW-HRLF29N045H Datasheet
537Kb / 7P
45V N-Channel Trench MOSFET
logo
Alpha & Omega Semicondu...
AON6154 AOSMD-AON6154 Datasheet
314Kb / 6P
45V N-Channel MOSFET
AON6156 AOSMD-AON6156 Datasheet
324Kb / 6P
45V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com