Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP200N11PT Datasheet (PDF) - A POWER MICROELECTRONICS

AP200N11PT Datasheet PDF - A POWER MICROELECTRONICS
Part # AP200N11PT
Download  AP200N11PT Download
File Size   825.27 Kbytes
Page   8 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 110V N-Channel Enhancement Mode MOSFET

AP200N11PT Datasheet (PDF)

Go To PDF Page Download Datasheet
AP200N11PT Datasheet PDF - A POWER MICROELECTRONICS

Part # AP200N11PT
Download  AP200N11PT Click to download

File Size   825.27 Kbytes
Page   8 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 110V N-Channel Enhancement Mode MOSFET

AP200N11PT Datasheet (HTML) - A POWER MICROELECTRONICS


AP200N11PT Product details

Features
- VDS = 110V ID =200A
- RDS(ON) < 3.8mΩ @ VGS=10V (Type:3.1mΩ)

Applications
- Isolated DC
- Motor control
- Synchronous-rectification




Similar Part No. - AP200N11PT

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP200N10MP APME-AP200N10MP Datasheet
1Mb / 7P
100V N-Channel Enhancement Mode MOSFET
AP200N10TLG2 APME-AP200N10TLG2 Datasheet
1Mb / 7P
100V N-Channel Enhancement Mode MOSFET
REV1.0
AP200N12F APME-AP200N12F Datasheet
726Kb / 8P
120V N-Channel Enhancement Mode MOSFET
REV1.0
AP200N12F APME-AP200N12F Datasheet
864Kb / 10P
120V N-Channel Enhancement Mode MOSFET
REV1.1
AP200N12P APME-AP200N12P Datasheet
864Kb / 10P
120V N-Channel Enhancement Mode MOSFET
REV1.1
More results


Similar Description - AP200N11PT

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF1122 GOOD-ARK-SSF1122_15 Datasheet
1Mb / 5P
110V N-Channel MOSFET
SSF1116A GOOD-ARK-SSF1116A_15 Datasheet
1Mb / 5P
110V N-Channel MOSFET
SSF1116 GOOD-ARK-SSF1116_15 Datasheet
1Mb / 5P
110V N-Channel MOSFET
logo
Cystech Electonics Corp...
MTN2328AN3 CYSTEKEC-MTN2328AN3 Datasheet
392Kb / 8P
110V N-Channel Enhancement Mode MOSFET
logo
GOOD-ARK Electronics
SSF1116 GOOD-ARK-SSF1116 Datasheet
1Mb / 5P
110V N-Channel MOSFET
SSF1116A GOOD-ARK-SSF1116A Datasheet
1Mb / 5P
110V N-Channel MOSFET
SSF1122 GOOD-ARK-SSF1122 Datasheet
1Mb / 5P
110V N-Channel MOSFET
logo
Leshan Radio Company
LN2294LT1G LRC-LN2294LT1G Datasheet
642Kb / 5P
110V N-Channel Enhancement-Mode MOSFET
logo
PFC Device Inc.
PRM016N11CT PFC-PRM016N11CT Datasheet
875Kb / 8P
110V Single N-Channel MOSFET
logo
Leshan Radio Company
LNB2294LT1G LRC-LNB2294LT1G Datasheet
606Kb / 5P
110V N-Channel Enhancement-Mode MOSFET VDS= 110V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com