Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC240ADBR.B Datasheet (PDF) - Texas Instruments

SN74LVC240ADBR.B Datasheet PDF - Texas Instruments
Part # SN74LVC240ADBR.B
Download  SN74LVC240ADBR.B Download
File Size   1126.0 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC240A Octal Buffer/Driver with 3-State Outputs

SN74LVC240ADBR.B Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC240ADBR.B Datasheet PDF - Texas Instruments

Part # SN74LVC240ADBR.B
Download  SN74LVC240ADBR.B Click to download

File Size   1126.0 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC240A Octal Buffer/Driver with 3-State Outputs

SN74LVC240ADBR.B Datasheet (HTML) - Texas Instruments


SN74LVC240ADBR.B Product details

1 Features
1• Operates From 1.65 V to 3.6 V
• Inputs Accept Voltages to 5.5 V
• Max tpd of 6.5 ns at 3.3 V
• Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
• Typical VOHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
• Supports Mixed-Mode Signal Operation on All
Ports (5-V Input/Output Voltage With
3.3-V VCC)
• Ioff Supports Live Insertion, Partial-Power-Down
Mode, and Back-Drive Protection
• Latch-Up Performance Exceeds 250 mA Per busJESD
17
• ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)

2 Applications
• Servers
• PCs and Notebooks
• Network Switches
• Wearable Health and Fitness Devices
• Telecom Infrastructures
• Electronic Points of Sale

3 Description
This octal buffer/driver is designed for 1.65-V to 3.6-V
VCC operation.
The SN74LVC240A is designed specifically to
improve the performance and density of 3-state
memory address drivers, clock drivers, and busJESD
oriented receivers and transmitters.




Similar Part No. - SN74LVC240ADBR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC240ADBR.B TI2-SN74LVC240ADBR.B Datasheet
948Kb / 30P
SN74LVC240A Octal Buffer/Driver with 3-State Outputs
REVISED JULY 2014
More results


Similar Description - SN74LVC240ADBR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11244 TI-74AC11244 Datasheet
91Kb / 6P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
SN74AS230A TI-SN74AS230A Datasheet
80Kb / 5P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC240A TI-SN74LVC240A_08 Datasheet
416Kb / 14P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT244-Q1 TI1-SN74AHCT244-Q1 Datasheet
596Kb / 13P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT541-EP TI1-SN74AHCT541-EP Datasheet
715Kb / 13P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC244-EP TI1-SN74ALVC244-EP Datasheet
488Kb / 11P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-EP TI1-SN74LVC540A-EP Datasheet
409Kb / 9P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHC244-EP TI1-SN74AHC244-EP Datasheet
448Kb / 10P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC240A TI1-SN74LVC240A_15 Datasheet
931Kb / 24P
SN74LVC240A Octal Buffer/Driver with 3-State Outputs
74AC11244 TI1-74AC11244_15 Datasheet
796Kb / 14P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com