Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA18SFSF50W-40 Datasheet (PDF) - Infinite Electronics International, Inc.

SA18SFSF50W-40 Datasheet PDF - Infinite Electronics International, Inc.
Part # SA18SFSF50W-40
Download  SA18SFSF50W-40 Download
File Size   418.67 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 40 dB Fixed Attenuator SMA Female (Jack) to SMA Female (Jack) Directional Up to 18 GHz Rated to 50 Watts, Heatsink Body, 1.6 VSWR

SA18SFSF50W-40 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA18SFSF50W-40 Datasheet PDF - Infinite Electronics International, Inc.

Part # SA18SFSF50W-40
Download  SA18SFSF50W-40 Click to download

File Size   418.67 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 40 dB Fixed Attenuator SMA Female (Jack) to SMA Female (Jack) Directional Up to 18 GHz Rated to 50 Watts, Heatsink Body, 1.6 VSWR

SA18SFSF50W-40 Datasheet (HTML) - Infinite Electronics International, Inc.


SA18SFSF50W-40 Product details

Features
• Design: Fixed, Directional Attenuator
• Connector 1: SMA Female
• Connector 2: SMA Female
• Body Material and Plating: Black Anodized Aluminum Heatsink
• Applications
• Description
• Fairview Microwave carries a broad selection of fixed attenuators with a wide range of attenuation levels, frequency ranges, and power
• dissipation ranges. Also known as RF pads, RF microwave attenuators lower the amplitude of a signal (or attenuate) a known amount. These
• attenuator pads can be used in a wide variety of applications including reducing a signal level to protect measurement equipment or other
• circuitry, extending the range of power meters and amplifiers, and impedance matching circuits by reducing the VSWR seen by adjacent
• components. RF attenuators can prevent signal overload in amplifiers, receivers and detectors, adjusting the signal level to a range that is
• optimal.
• Few RF components are as commonly used as fixed coaxial attenuators, and Fairview Microwave carries one of the largest in-stock varieties
• and ships them same day. The SA18SFSF50W-40 is a 40 dB Fixed Attenuator that operates from DC to 18 GHz and is rated to 50 Watts.
• The versatile coaxial package uses SMA female connectors. The Black Anodized Aluminum Heatsink body allows for efficient heat dissipation
• under high power usage conditions.




Similar Part No. - SA18SFSF50W-40

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SA18SFSF50W-30 FAIRVIEW-SA18SFSF50W-30 Datasheet
418Kb / 3P
30 dB Fixed Attenuator SMA Female (Jack) to SMA Female (Jack) Directional Up to 18 GHz Rated to 50 Watts, Heatsink Body, 1.6 VSWR
SA18SFSF50W-50 FAIRVIEW-SA18SFSF50W-50 Datasheet
418Kb / 3P
50 dB Fixed Attenuator SMA Female (Jack) to SMA Female (Jack) Directional Up to 18 GHz Rated to 50 Watts, Heatsink Body, 1.6 VSWR
More results


Similar Description - SA18SFSF50W-40

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7325-40 PASTERNACK-PE7325-40 Datasheet
354Kb / 3P
40 dB Fixed Attenuator, SMA Female To N Female Directional Rated To 50 Watts Up To 18 GHz
PE7335-40 PASTERNACK-PE7335-40 Datasheet
350Kb / 3P
40 dB Fixed Attenuator, N Female To SMA Female Directional Rated To 50 Watts Up To 18 GHz
PE7337-10 PASTERNACK-PE7337-10 Datasheet
351Kb / 3P
10 dB Fixed Attenuator, SMA Female To SMA Female Directional Rated To 50 Watts Up To 18 GHz
PE7337-3 PASTERNACK-PE7337-3 Datasheet
351Kb / 3P
3 dB Fixed Attenuator, SMA Female To SMA Female Directional Rated To 50 Watts Up To 18 GHz
PE7337-40 PASTERNACK-PE7337-40 Datasheet
352Kb / 3P
40 dB Fixed Attenuator, SMA Female To SMA Female Directional Rated To 50 Watts Up To 18 GHz
PE7330-40 PASTERNACK-PE7330-40 Datasheet
353Kb / 3P
40 dB Fixed Attenuator, SMA Female To SMA Male Directional Rated To 50 Watts Up To 18 GHz
PE7336-40 PASTERNACK-PE7336-40 Datasheet
352Kb / 3P
40 dB Fixed Attenuator, SMA Male To SMA Female Directional Rated To 50 Watts Up To 18 GHz
PE7337-6 PASTERNACK-PE7337-6 Datasheet
352Kb / 3P
6 dB Fixed Attenuator, SMA Female To SMA Female Directional Rated To 50 Watts Up To 18 GHz
PE7337-20 PASTERNACK-PE7337-20 Datasheet
352Kb / 3P
20 dB Fixed Attenuator, SMA Female To SMA Female Directional Rated To 50 Watts Up To 18 GHz
PE7337-50 PASTERNACK-PE7337-50 Datasheet
351Kb / 3P
50 dB Fixed Attenuator, SMA Female To SMA Female Directional Rated To 50 Watts Up To 18 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com