Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP280N04HPT Datasheet (PDF) - A POWER MICROELECTRONICS

AP280N04HPT Datasheet PDF - A POWER MICROELECTRONICS
Part # AP280N04HPT
Download  AP280N04HPT Download
File Size   835.55 Kbytes
Page   8 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 40V N-Channel Enhancement Mode MOSFET

AP280N04HPT Datasheet (PDF)

Go To PDF Page Download Datasheet
AP280N04HPT Datasheet PDF - A POWER MICROELECTRONICS

Part # AP280N04HPT
Download  AP280N04HPT Click to download

File Size   835.55 Kbytes
Page   8 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 40V N-Channel Enhancement Mode MOSFET

AP280N04HPT Datasheet (HTML) - A POWER MICROELECTRONICS


AP280N04HPT Product details

Features
- VDS = 40V ID =280A
- RDS(ON) < 1.8mΩ @ VGS=10V (Type:1.4mΩ)

Applications
- BMS
- BLDC
- Garden tools




Similar Part No. - AP280N04HPT

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP280N04P APME-AP280N04P Datasheet
997Kb / 8P
40V N-Channel Enhancement Mode MOSFET
AP280N04PT APME-AP280N04PT Datasheet
997Kb / 8P
40V N-Channel Enhancement Mode MOSFET
AP280N04T APME-AP280N04T Datasheet
997Kb / 8P
40V N-Channel Enhancement Mode MOSFET
AP280N04T6 APME-AP280N04T6 Datasheet
1Mb / 7P
40V N-Channel Enhancement Mode MOSFET
AP280N04TLG5 APME-AP280N04TLG5 Datasheet
1Mb / 7P
45V N-Channel Enhancement Mode MOSFET
REV1.0
More results


Similar Description - AP280N04HPT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN4036LK3 DIODES-DMN4036LK3 Datasheet
672Kb / 8P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN4036LK3 DIODES-DMN4036LK3_10 Datasheet
651Kb / 8P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
DS32122 Rev. 2 - 2
ZXMN4A06G DIODES-ZXMN4A06G Datasheet
174Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
MAY 2002
ZXMN4A06K DIODES-ZXMN4A06K Datasheet
570Kb / 8P
40V N-channel enhancement mode MOSFET
MARCH 2006
ZXMN4A06G DIODES-ZXMN4A06G_15 Datasheet
676Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
ZXMN4A06GQ DIODES-ZXMN4A06GQ Datasheet
382Kb / 6P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMT4002LPS DIODES-DMT4002LPS Datasheet
405Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
DONGGUAN YOU FENG WEI E...
YFW25N04S YFWDIODE-YFW25N04S Datasheet
1Mb / 5P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80N04AD-L YFWDIODE-YFW80N04AD-L Datasheet
1Mb / 5P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80N04AD YFWDIODE-YFW80N04AD Datasheet
1Mb / 5P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com