Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP300N10TLG1 Datasheet (PDF) - A POWER MICROELECTRONICS

AP300N10TLG1 Datasheet PDF - A POWER MICROELECTRONICS
Part # AP300N10TLG1
Download  AP300N10TLG1 Download
File Size   1035.54 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 100V N-Channel Enhancement Mode MOSFET

AP300N10TLG1 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP300N10TLG1 Datasheet PDF - A POWER MICROELECTRONICS

Part # AP300N10TLG1
Download  AP300N10TLG1 Click to download

File Size   1035.54 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 100V N-Channel Enhancement Mode MOSFET

AP300N10TLG1 Datasheet (HTML) - A POWER MICROELECTRONICS


AP300N10TLG1 Product details

Features
- VDS = 100V ID =300A
- RDS(ON) <1.7mΩ @ VGS=10V (Type:1.3mΩ)

Applications
- DC/DC Converter
- LED Backlighting
- Power Management Switches




Similar Part No. - AP300N10TLG1

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP300N10T APME-AP300N10T Datasheet
1Mb / 7P
100V N-Channel Enhancement Mode MOSFET
AP300N10T APME-AP300N10T Datasheet
900Kb / 8P
100V N-Channel Enhancement Mode MOSFET
REV1.0
AP300N10T2 APME-AP300N10T2 Datasheet
900Kb / 8P
100V N-Channel Enhancement Mode MOSFET
REV1.0
AP300N10TT2 APME-AP300N10TT2 Datasheet
900Kb / 8P
100V N-Channel Enhancement Mode MOSFET
REV1.0
More results


Similar Description - AP300N10TLG1

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN10A11G ZETEX-ZXMN10A11G Datasheet
1Mb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10B08E6 ZETEX-ZXMN10B08E6 Datasheet
252Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN10A08DN8 DIODES-ZXMN10A08DN8 Datasheet
185Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
JANUARY 2005
ZXMN10A09K DIODES-ZXMN10A09K Datasheet
660Kb / 8P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 7
ZXMN10A11K DIODES-ZXMN10A11K Datasheet
670Kb / 8P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN10H099SK3 DIODES-DMN10H099SK3_15 Datasheet
361Kb / 6P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN10H220LE DIODES-DMN10H220LE_15 Datasheet
500Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMT10H015LK3 DIODES-DMT10H015LK3 Datasheet
533Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
SHIKUES Electronics
SK2328N3 SKTECHNOLGY-SK2328N3 Datasheet
1Mb / 6P
100V N-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
LMTL5N10 LEIDITECH-LMTL5N10 Datasheet
6Mb / 5P
100V N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com