Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP400N08T2 Datasheet (PDF) - A POWER MICROELECTRONICS

AP400N08T2 Datasheet PDF - A POWER MICROELECTRONICS
Part # AP400N08T2
Download  AP400N08T2 Download
File Size   1408.09 Kbytes
Page   6 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 80V N-Channel Enhancement Mode MOSFET

AP400N08T2 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP400N08T2 Datasheet PDF - A POWER MICROELECTRONICS

Part # AP400N08T2
Download  AP400N08T2 Click to download

File Size   1408.09 Kbytes
Page   6 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 80V N-Channel Enhancement Mode MOSFET

AP400N08T2 Datasheet (HTML) - A POWER MICROELECTRONICS


AP400N08T2 Product details

Features
- VDS = 80V ID =400A
- RDS(ON) < 1.8mΩ VGS=10V (Type:1.5mΩ)

Applications
- Battery protection
- Load switch
- Uninterruptible power supply
- Marking and Ordering Information
- Product ID
- Pack
- Marking
- Qty(PCS)
- AP400N08T
- TO-263-3L
- AP400N08T XXX YYYY
- 2000
- TO-262-
- AP400N08T2
- 3L
- AP400N08P2 XXX YYYY
- 1000
- Absolute Maximum Ratings (TC=25℃unless otherwise noted)
- Symbol
- Parameter
- Rating
- Units
- VDS
- Drain-Source Voltage
- 80
- V
- VGS
- Gate-Source Voltage
- ±20
- ID@TC=25℃
- Continuous Drain Current, VGS @ 10V
- 400
- A
- ID@TC=100℃
- 253
- IDM
- Pulsed Drain Current
- 1600
- EAS
- Single Pulse Avalanche Energy
- 2258
- mJ
- PD@TC=25℃
- Total Power Dissipation4
- 469
- W
- TSTG
- Storage Temperature Range
- -55 to 175
- ℃
- TJ
- Operating Junction Temperature Range
- RθJA
- Thermal Resistance Junction-Ambient
- 0.32
- ℃/W
- RθJC
- Thermal Resistance Junction-Case
- 62.5




Similar Part No. - AP400N08T2

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP400N08T6 APME-AP400N08T6 Datasheet
721Kb / 7P
80V N-Channel Enhancement Mode MOSFET
REV1.0
AP400N08TLG1 APME-AP400N08TLG1 Datasheet
937Kb / 6P
85V N-Channel Enhancement Mode MOSFET
REV1.0
AP400N08TLG2 APME-AP400N08TLG2 Datasheet
744Kb / 7P
80V N-Channel Enhancement Mode MOSFET
REV1.0
More results


Similar Description - AP400N08T2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT8012LK3 DIODES-DMT8012LK3 Datasheet
605Kb / 7P
80V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMT8012LSS DIODES-DMT8012LSS Datasheet
538Kb / 7P
80V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMT8012LK3 DIODES-DMT8012LK3_17 Datasheet
508Kb / 7P
80V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMT8012LPS DIODES-DMT8012LPS_17 Datasheet
554Kb / 7P
80V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
Pan Jit International I...
PJU60N08 PANJIT-PJU60N08 Datasheet
333Kb / 8P
80V N-Channel Enhancement Mode MOSFET
January 16,2017-REV.00
PSMB032N08NS1 PANJIT-PSMB032N08NS1 Datasheet
672Kb / 7P
80V N-Channel Enhancement Mode MOSFET
April 6,2022 PSMB032N08NS1-REV.00
PSMP032N08NS1 PANJIT-PSMP032N08NS1 Datasheet
579Kb / 7P
80V N-Channel Enhancement Mode MOSFET
April 6,2022 PSMP032N08NS1-REV.00
PSMP055N08NS1 PANJIT-PSMP055N08NS1 Datasheet
575Kb / 7P
80V N-Channel Enhancement Mode MOSFET
April 6,2022 PSMP055N08NS1-REV.00
logo
Diodes Incorporated
DMT8008LFG DIODES-DMT8008LFG Datasheet
415Kb / 7P
80V N-CHANNEL ENHANCEMENT MODE MOSFET
September 2019 Rev. 2 - 2
DMT8008SPS DIODES-DMT8008SPS Datasheet
382Kb / 7P
80V N-CHANNEL ENHANCEMENT MODE MOSFET
January 2019 Rev. 3 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com