Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SDA068126R1 Datasheet (PDF) - ABB

1SDA068126R1 Datasheet PDF - ABB
Part # 1SDA068126R1
Download  1SDA068126R1 Download
File Size   401.92 Kbytes
Page   3 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description XT4N 250 Ekip LS/I In=250A 3p F F

1SDA068126R1 Datasheet (PDF)

Go To PDF Page Download Datasheet
1SDA068126R1 Datasheet PDF - ABB

Part # 1SDA068126R1
Download  1SDA068126R1 Click to download

File Size   401.92 Kbytes
Page   3 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description XT4N 250 Ekip LS/I In=250A 3p F F

1SDA068126R1 Datasheet (HTML) - ABB


1SDA068126R1 Product details

Extended Product Type XT4N 250 Ekip LS/I In=250A 3p F F
Product ID 1SDA068126R1
EAN 8015644020231
Catalog Description XT4N 250 Ekip LS/I In=250A 3p F F
Long Description
C.BREAKER TMAX XT4N 250 FIXED THREE-POLE WITH FRONT TERMINALS AND SOLIDSTATE
RELEASE IN AC EKIP-LS/I R 250 A
General Information




Similar Part No. - 1SDA068126R1

ManufacturerPart #DatasheetDescription
logo
ABB
1SDA068058R1 ABB-1SDA068058R1 Datasheet
418Kb / 3P
XT3N 250 TMD 200-2000 3p F F
More results


Similar Description - 1SDA068126R1

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2119M SONY-CXA2119M Datasheet
129Kb / 9P
Y color difference I/F
logo
Asahi Kasei Microsystem...
AK4571 AKM-AK4571 Datasheet
309Kb / 54P
USB I/F Audio CODEC
logo
Pomona Electronics
6800 POMONA-6800 Datasheet
158Kb / 1P
F (M/F) Right Angle, F(M/F), F (F/F) Bulkhead, F (F) PCB
6779 POMONA-6779 Datasheet
192Kb / 1P
BNC(m)/F(f), BNC(f)/F(f), BNC(f)/F(m), BNC(m)/F(m)
logo
Littelfuse
FLNR-ID LITTELFUSE-FLNR-ID Datasheet
578Kb / 2P
Class RK5 ??F LNR_ID ??F LS R_ID SERIES Indic ator짰 FUSES
FLSR-ID LITTELFUSE-FLSR-ID Datasheet
578Kb / 2P
Class RK5 ??F LNR_ID ??F LS R_ID SERIES INDICATOR FUSES
logo
PHOENIX CONTACT
8658 PHOENIX-8658 Datasheet
238Kb / 21P
AXL F AI4 I 1H
logo
TE Connectivity Ltd
2379907 TEC-2379907 Datasheet
116Kb / 1P
250 HSG. F-SPRING REC.10mm 3P
Rev. A
logo
Molex Electronics Ltd.
2174902221 MOLEX-2174902221 Datasheet
83Kb / 1P
I-GRID F-F 75MM 22 AWG LEAD RD Au
2021/05/24
2174901123 MOLEX-2174901123 Datasheet
83Kb / 1P
I-GRID F-F 225MM 22 AWG LEAD BK Sn
2021/05/24
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com