Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G17 Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVC1G17 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVC1G17
Download  74LVC1G17 Download
File Size   314.09 Kbytes
Page   20 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single Schmitt trigger buffer

74LVC1G17 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G17 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVC1G17
Download  74LVC1G17 Click to download

File Size   314.09 Kbytes
Page   20 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single Schmitt trigger buffer

74LVC1G17 Datasheet (HTML) - Nexperia B.V. All rights reserved


74LVC1G17 Product details

General description
The 74LVC1G17 is a single buffer Schmitt-trigger. Inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of these devices as translators in mixed 3.3 V and 5 V environments. This device is fully specified for partial power down applications using IOFF. The IOFF circuitry disables the output, preventing the potentially damaging backflow current through the device when it is powered down.

Features and benefits
• Wide supply voltage range from 1.65 V to 5.5 V
• Overvoltage tolerant inputs to 5.5 V
• High noise immunity
• CMOS low power dissipation
• IOFF circuitry provides partial Power-down mode operation
• ±24 mA output drive (VCC = 3.0 V)
• Latch-up performance exceeds 250 mA
• Direct interface with TTL levels
• Unlimited rise and fall times
• Complies with JEDEC standard:
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• JESD36 (4.5 V to 5.5 V)
• ESD protection:
• HBM: ANSI/ESDA/JEDEC JS-001 class 2 exceeds 2000 V
• CDM: ANSI/ESDA/JEDEC JS-002 class C3 exceeds 1000 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74LVC1G17

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G17 PHILIPS-74LVC1G17 Datasheet
96Kb / 16P
Single Schmitt-trigger buffer
2004 Nov 30
74LVC1G17 NXP-74LVC1G17 Datasheet
89Kb / 16P
Single Schmitt trigger buffer
Rev. 06-27 August 2007
logo
Diodes Incorporated
74LVC1G17 DIODES-74LVC1G17 Datasheet
273Kb / 14P
SINGLE SCHMITT-TRIGGER BUFFER
DS35124 Rev. 1 - 2
74LVC1G17 DIODES-74LVC1G17 Datasheet
266Kb / 13P
SINGLE SCHMITT-TRIGGER BUFFER
Rev 3
logo
NXP Semiconductors
74LVC1G17 NXP-74LVC1G17 Datasheet
367Kb / 21P
Single Schmitt trigger buffer
Rev. 10-29 June 2012
More results


Similar Description - 74LVC1G17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC1G17 TI-SN74AUC1G17 Datasheet
320Kb / 13P
SINGLE SCHMITT TRIGGER BUFFER
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17 Datasheet
104Kb / 5P
SINGLE SCHMITT-TRIGGER BUFFER
logo
Texas Instruments
SN74LVC1G17-Q1 TI-SN74LVC1G17-Q1 Datasheet
259Kb / 9P
SINGLE SCHMITT-TRIGGER BUFFER
SN74LVC1G17 TI-SN74LVC1G17_07 Datasheet
762Kb / 19P
SINGLE SCHMITT-TRIGGER BUFFER
SN74LVC1G17 TI-SN74LVC1G17_10 Datasheet
832Kb / 19P
SINGLE SCHMITT-TRIGGER BUFFER
logo
Diodes Incorporated
74LVC1G17 DIODES-74LVC1G17 Datasheet
273Kb / 14P
SINGLE SCHMITT-TRIGGER BUFFER
DS35124 Rev. 1 - 2
74LVC1G17_1107 DIODES-74LVC1G17_1107 Datasheet
266Kb / 13P
SINGLE SCHMITT-TRIGGER BUFFER
Rev 3
74AUP1G17 DIODES-74AUP1G17 Datasheet
190Kb / 11P
SINGLE SCHMITT-TRIGGER BUFFER
Rev 1
logo
NXP Semiconductors
74LVC1G17 NXP-74LVC1G17_12 Datasheet
367Kb / 21P
Single Schmitt trigger buffer
Rev. 10-29 June 2012
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17_V01 Datasheet
180Kb / 5P
SINGLE SCHMITT-TRIGGER BUFFER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com