Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDN-P Datasheet (PDF) - Emerson Electric Co. All rights reserved.

SDN-P Datasheet PDF - Emerson Electric Co. All rights reserved.
Part # SDN-P
Download  SDN-P Download
File Size   391.97 Kbytes
Page   6 Pages
Manufacturer  SOLAHD [Emerson Electric Co. All rights reserved.]
Direct Link  https://www.appleton.emerson.com/
Logo SOLAHD - Emerson Electric Co. All rights reserved.
Description Power Supplies

SDN-P Datasheet (PDF)

Go To PDF Page Download Datasheet
SDN-P Datasheet PDF - Emerson Electric Co. All rights reserved.

Part # SDN-P
Download  SDN-P Click to download

File Size   391.97 Kbytes
Page   6 Pages
Manufacturer  SOLAHD [Emerson Electric Co. All rights reserved.]
Direct Link  https://www.appleton.emerson.com/
Logo SOLAHD - Emerson Electric Co. All rights reserved.
Description Power Supplies

SDN-P Datasheet (HTML) - Emerson Electric Co. All rights reserved.


SDN-P Product details

Features
• Power Factor Correction (per EN61000-3-2)
• Auto Select 115/230 Vac, 50/60 Hz Input
• Single Phase models meet SEMI F47 Sag Immunity
• Class 1, Zone 2 Hazardous Locations
– ATEX approval on 2.5 through 10A, 24 Vdc Single Phase Models
– ATEX approval pending on 12 Vdc and 48 Vdc single phase models
• Improved metal mounting clip
• DC OK Signal
• Adjustable Voltage
• SDN10-24-100P New Compact width (3.26”)
• Parallel Capability standard on all units
• Industrial grade design
– -10°C to 60°C operation without derating. Indefinite short circuit, overvoltage and overtemperature protection.
– Powers high inrush loads without shutdown or foldback
– Rugged metal case and DIN connector
• SDN2.5-24-100P and SDN4-24-100LP meet NEC Class 2
• Narrow width on rail for space critical applications
• User-friendly front panel
– Large, rugged, accessible, multiple connection screw terminations
– Easy installation
• Broad range of product to fit almost any application – 2.5 A through 40 A, 24 Vdc
• Single and three phase inputs available
• 12 Vdc and 48 Vdc single phase models available
• Highly efficient >90% switching technology
• High MTBF and reliability
• RoHS compliant

Applications
• Industrial/Machine Control
• Process Control
• Conveying Equipment
• Material Handling
• Vending Machines
• Packaging Equipment
• DeviceNetTM
• Amusement Park Equipment
• Semiconductor Fabrication Equipment




Similar Part No. - SDN-P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDN-P ETC-SDN-P Datasheet
208Kb / 2P
SDU Series, Direct Current Uninterruptible Power Supply (DC UPS) System
SDN-PMBRK2 ETC-SDN-PMBRK2 Datasheet
208Kb / 2P
SDU Series, Direct Current Uninterruptible Power Supply (DC UPS) System
SDN-PMBRK3 ETC-SDN-PMBRK3 Datasheet
208Kb / 2P
SDU Series, Direct Current Uninterruptible Power Supply (DC UPS) System
More results


Similar Description - SDN-P

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
1757920002G ADVANTECH-1757920002G Datasheet
136Kb / 1P
Power Supplies
PS-700ATX-ZE ADVANTECH-PS-700ATX-ZE Datasheet
130Kb / 1P
Power Supplies
logo
Axiomtek Co., Ltd.
PS300-HRP AXIOMTEK-PS300-HRP Datasheet
199Kb / 2P
Power Supplies
PS300-XP2 AXIOMTEK-PS300-XP2 Datasheet
195Kb / 2P
Power Supplies
logo
Omron Electronics LLC
S8JX-G05024CD OMRON-S8JX-G05024CD Datasheet
312Kb / 2P
Power Supplies
logo
Bel Fuse Inc.
ABC400 BEL-ABC400 Datasheet
1Mb / 11P
Power Supplies
logo
ADL Embedded Solutions
ADLPS35-150 ADL-ADLPS35-150 Datasheet
910Kb / 2P
Power Supplies
ADLPS104-150 ADL-ADLPS104-150 Datasheet
754Kb / 2P
Power Supplies
ADLPS104ISO-150 ADL-ADLPS104ISO-150 Datasheet
391Kb / 1P
Power Supplies
logo
Guangdong Youtai Semico...
ESD3Z5V0C UMW-ESD3Z5V0C Datasheet
720Kb / 4P
Power supplies
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com