Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9317WM8Z Datasheet (PDF) - Renesas Technology Corp

X9317WM8Z Datasheet PDF - Renesas Technology Corp
Part # X9317WM8Z
Download  X9317WM8Z Download
File Size   699.42 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer (XDCP™)

X9317WM8Z Datasheet (PDF)

Go To PDF Page Download Datasheet
X9317WM8Z Datasheet PDF - Renesas Technology Corp

Part # X9317WM8Z
Download  X9317WM8Z Click to download

File Size   699.42 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer (XDCP™)

X9317WM8Z Datasheet (HTML) - Renesas Technology Corp


X9317WM8Z Product details

• Solid-state potentiometer
• 3-wire serial up/down interface
• 100 wiper tap points
- Wiper position stored in nonvolatile memory and recalled
on power-up
• 99 resistive elements
- Temperature compensated
- End-to-end resistance range ±20%
• Low power CMOS
- VCC = 2.7V to 5.5V, and 5V ±10%
- Standby current <5μA
• High reliability
- Endurance, 100,000 data changes per bit
- Register data retention, 100 years
• RTOTAL values = 10kΩ, 50kΩ
• Packages
- 8 Ld SOIC, TSSOP, and MSOP
• Pb-free (RoHS compliant)




Similar Part No. - X9317WM8Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9317WM8Z INTERSIL-X9317WM8Z Datasheet
333Kb / 15P
Low Noise, Low Power, 100 Taps
September 9, 2005
X9317WM8Z INTERSIL-X9317WM8Z Datasheet
445Kb / 15P
Digitally Controlled Potentiometer (XDCP??
December 16, 2009
X9317WM8Z INTERSIL-X9317WM8Z Datasheet
431Kb / 13P
Digitally Controlled Potentiometer (XDCP??
March 7, 2012
X9317WM8Z INTERSIL-X9317WM8Z Datasheet
430Kb / 13P
Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer
November 4, 2014
logo
Renesas Technology Corp
X9317WM8Z RENESAS-X9317WM8Z Datasheet
625Kb / 13P
Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer (XDCP??
More results


Similar Description - X9317WM8Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9317WM8Z INTERSIL-X9317WM8Z Datasheet
430Kb / 13P
Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer
November 4, 2014
logo
Renesas Technology Corp
ISL22424 RENESAS-ISL22424 Datasheet
1Mb / 20P
Dual Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, SPI짰 Bus, 256 Taps
X9315 RENESAS-X9315 Datasheet
715Kb / 16P
Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
X9317 RENESAS-X9317 Datasheet
625Kb / 13P
Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer (XDCP??
X93154 RENESAS-X93154 Datasheet
433Kb / 8P
Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
ISL22316WM RENESAS-ISL22316WM Datasheet
206Kb / 3P
Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power I2C Bus, 128 Taps
November 11, 2011
ISL22343 RENESAS-ISL22343 Datasheet
1Mb / 19P
Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
ISL22414 RENESAS-ISL22414 Datasheet
1Mb / 17P
Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
September 21, 2015
ISL22426 RENESAS-ISL22426 Datasheet
1,023Kb / 15P
Dual Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI™ Bus, 128 Taps
September 8, 2009
ISL22446 RENESAS-ISL22446 Datasheet
1Mb / 15P
Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI™ Bus, 128 Taps
September 9, 2009
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com