Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVA-2311 Datasheet (PDF) - Advantech Co., Ltd.

EVA-2311 Datasheet PDF - Advantech Co., Ltd.
Part # EVA-2311
Download  EVA-2311 Download
File Size   394.26 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description LoRaWAN Temperature PT1000 Round Head Probe Sensor

EVA-2311 Datasheet (PDF)

Go To PDF Page Download Datasheet
EVA-2311 Datasheet PDF - Advantech Co., Ltd.

Part # EVA-2311
Download  EVA-2311 Click to download

File Size   394.26 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description LoRaWAN Temperature PT1000 Round Head Probe Sensor

EVA-2311 Datasheet (HTML) - Advantech Co., Ltd.


EVA-2311 Product details

Features
ƒ LoRaWAN wireless connectivity
ƒ -70°C to 200°C temperature detection range
ƒ IP67 for PT1000 Round Head Probe Sensor
ƒ Battery life up till 5 years@25°C, 15mins interval setting
ƒ Easy to deploy and maintain




Similar Part No. - EVA-2311

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EVA-2310 ADVANTECH-EVA-2310 Datasheet
419Kb / 1P
LoRaWAN Temperature and Humidity Sensor
19-Apr-2024
EVA-2310-EA ADVANTECH-EVA-2310-EA Datasheet
419Kb / 1P
LoRaWAN Temperature and Humidity Sensor
19-Apr-2024
EVA-2310-NA ADVANTECH-EVA-2310-NA Datasheet
419Kb / 1P
LoRaWAN Temperature and Humidity Sensor
19-Apr-2024
EVA-2310-TA ADVANTECH-EVA-2310-TA Datasheet
419Kb / 1P
LoRaWAN Temperature and Humidity Sensor
19-Apr-2024
EVA-2310-ZA ADVANTECH-EVA-2310-ZA  Datasheet
419Kb / 1P
LoRaWAN Temperature and Humidity Sensor
19-Apr-2024
More results


Similar Description - EVA-2311

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GUVX-T1XGC-TLW10 ETC-GUVX-T1XGC-TLW10 Datasheet
353Kb / 1P
Temperature & UV sensor probe
logo
Schneider Electric
TM5SAI2PH SCHNEIDER-TM5SAI2PH Datasheet
248Kb / 7P
Analog input module, Modicon TM5, 2I, temperature probe PT100/ PT1000, 16bits
Apr 6, 2022
TM5SAI4PH SCHNEIDER-TM5SAI4PH Datasheet
266Kb / 7P
Analog input module, Modicon TM5, 4I, temperature probe PT100/ PT1000, 16bits
Apr 6, 2022
logo
Baumer IVO GmbH & Co. K...
PT100 IVO-PT100 Datasheet
60Kb / 4P
Cable Sensor, Pt100/Pt1000
logo
Adam Technologies, Inc.
CA-TS-001 ADAM-TECH-CA-TS-001 Datasheet
110Kb / 1P
SENSOR CABLE ASSY, 3.96mm 3 POS CONN, TO RTD PT1000, TEMPERATURE SENSOR
Rev. A
logo
Greystone Energy System...
PS-TNRP GREYSTONE-PS-TNRP Datasheet
306Kb / 2P
REMOTE PROBE STRAP-ON NETWORK TEMPERATURE SENSOR
TSRP GREYSTONE-TSRP Datasheet
280Kb / 2P
REMOTE PROBE STRAP-ON TEMPERATURE SENSOR
logo
Advantech Co., Ltd.
LEO-S55 ADVANTECH-LEO-S55 Datasheet
539Kb / 3P
LoRaWAN Temperature/Humidity Sensor
19-May-2023
LEO-S57 ADVANTECH-LEO-S57 Datasheet
696Kb / 3P
LoRaWAN Temperature Probe Sensor
19-May-2023
logo
E+E Elektronik Ges.m.b....
EE471 EPLUSE-EE471 Datasheet
1Mb / 9P
Temperature Sensor with Remote Probe
09-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com