Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVA-2510 Datasheet (PDF) - Advantech Co., Ltd.

EVA-2510 Datasheet PDF - Advantech Co., Ltd.
Part # EVA-2510
Download  EVA-2510 Download
File Size   388.07 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description LoRaWAN Wireless Water Leakage Sensor

EVA-2510 Datasheet (PDF)

Go To PDF Page Download Datasheet
EVA-2510 Datasheet PDF - Advantech Co., Ltd.

Part # EVA-2510
Download  EVA-2510 Click to download

File Size   388.07 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description LoRaWAN Wireless Water Leakage Sensor

EVA-2510 Datasheet (HTML) - Advantech Co., Ltd.


EVA-2510 Product details

Features
ƒ LoRaWAN wireless connectivity
ƒ 3.5mm water line diameter
ƒ Battery life up till 5 years@25 °C, 15mins interval setting
ƒ Easy to deploy and maintain




Similar Part No. - EVA-2510

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
EVA-2-75 MINI-EVA-2-75 Datasheet
490Kb / 2P
Voltage Variable Attenuator
logo
Advantech Co., Ltd.
EVA-2210 ADVANTECH-EVA-2210 Datasheet
415Kb / 1P
LoRaWAN 3-Phase Current Meter with 3 x 75A Clamp-On CT
19-Apr-2024
EVA-2210-EA ADVANTECH-EVA-2210-EA Datasheet
415Kb / 1P
LoRaWAN 3-Phase Current Meter with 3 x 75A Clamp-On CT
19-Apr-2024
EVA-2210-NA ADVANTECH-EVA-2210-NA Datasheet
415Kb / 1P
LoRaWAN 3-Phase Current Meter with 3 x 75A Clamp-On CT
19-Apr-2024
EVA-2210-TA ADVANTECH-EVA-2210-TA Datasheet
415Kb / 1P
LoRaWAN 3-Phase Current Meter with 3 x 75A Clamp-On CT
19-Apr-2024
More results


Similar Description - EVA-2510

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
8911 TEC-8911 Datasheet
495Kb / 11P
8911 WIRELESS ACCELEROMETER LoRaWAN??868/915MHz
logo
Advantech Co., Ltd.
WISE-2410 ADVANTECH-WISE-2410 Datasheet
201Kb / 2P
LoRa/LoRaWAN Wireless Smart Vibration Sensor
28-Jun-2019
WISE-2410X ADVANTECH-WISE-2410X Datasheet
436Kb / 2P
Explosion Proof LoRaWAN Wireless Condition Monitoring Sensor
23-Aug-2022
WISE-2410 ADVANTECH-WISE-2410_V01 Datasheet
201Kb / 2P
LoRa/LoRaWAN Wireless Smart Vibration Sensor
28-Jun-2019
logo
Multi-Tech Systems, Inc...
86002255 MULTITECH-86002255 Datasheet
315Kb / 3P
LoRaWAN® Wireless Dry Contact Sensors
2023-05
86002256 MULTITECH-86002256 Datasheet
388Kb / 3P
LoRaWAN®Wireless Ultrasonic Level Sensors
2023-05
86002266 MULTITECH-86002266 Datasheet
471Kb / 3P
LoRaWAN®Wireless Leak Detection Sensors
2023-05
86002267 MULTITECH-86002267 Datasheet
457Kb / 3P
LoRaWAN®Wireless Temperature Sensors
2023-05
86002269 MULTITECH-86002269 Datasheet
324Kb / 3P
LoRaWAN®Wireless Push Button Sensor
2023-05
logo
Advantech Co., Ltd.
LEO-S57 ADVANTECH-LEO-S57 Datasheet
696Kb / 3P
LoRaWAN Temperature Probe Sensor
19-May-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com