Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FK-3000 Datasheet (PDF) - Mini-Circuits

FK-3000 Datasheet PDF - Mini-Circuits
Part # FK-3000
Download  FK-3000 Download
File Size   126.64 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description 50廓 Output 140 to 3000 MHz

FK-3000 Datasheet (PDF)

Go To PDF Page Download Datasheet
FK-3000 Datasheet PDF - Mini-Circuits

Part # FK-3000
Download  FK-3000 Click to download

File Size   126.64 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description 50廓 Output 140 to 3000 MHz

FK-3000 Datasheet (HTML) - Mini-Circuits




Similar Part No. - FK-3000

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
FK-3.3V PERICOM-FK-3.3V Datasheet
641Kb / 2P
3.3V CMOS Low Jitter XO
logo
Japan Aviation Electron...
FK-37-21C-78-R JAE-FK-37-21C-78-R Datasheet
63Kb / 3P
Circular Connector, Solder-type, Shell Size : F, cable entry Φ23.0mm, 37 pos., Socket, Straight Plug
FK-37-22C-78-R JAE-FK-37-22C-78-R Datasheet
63Kb / 3P
Circular Connector, Solder-type, Shell Size : F, cable entry Φ23.0mm, 37 pos., Pin, Straight Plug
FK-37-31S-R JAE-FK-37-31S-R Datasheet
58Kb / 3P
Circular Connector, Solder-type, Shell Size : F, 37 pos., Socket, Receptacle
FK-37-32S-R JAE-FK-37-32S-R Datasheet
59Kb / 3P
Circular Connector, Solder-type, Shell Size : F, 37 pos., Pin, Receptacle
More results


Similar Description - FK-3000

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BHP-200 MINI-BHP-200 Datasheet
129Kb / 1P
High Pass Filter 50廓 185 to 3000 MHz
BHP-600 MINI-BHP-600 Datasheet
71Kb / 1P
High Pass Filter 50廓 600 to 3000 MHz
BHP-1000 MINI-BHP-1000 Datasheet
71Kb / 1P
High Pass Filter 50廓 1000 to 3000 MHz
NHP-200 MINI-NHP-200 Datasheet
84Kb / 1P
High Pass Filter 50廓 185 to 3000 MHz
NHP-250 MINI-NHP-250 Datasheet
100Kb / 1P
High Pass Filter 50廓 225 to 3000 MHz
NHP-700 MINI-NHP-700 Datasheet
84Kb / 1P
High Pass Filter 50廓 700 to 3000 MHz
NHP-800 MINI-NHP-800 Datasheet
141Kb / 1P
High Pass Filter 50廓 780 to 3000 MHz
SHP-200 MINI-SHP-200 Datasheet
129Kb / 1P
High Pass Filter 50廓 185 to 3000 MHz
SHP-250 MINI-SHP-250 Datasheet
128Kb / 1P
High Pass Filter 50廓 225 to 3000 MHz
SYD-20-33 MINI-SYD-20-33 Datasheet
284Kb / 1P
Directional Coupler 50廓 30 to 3000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com