Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8153J034B Datasheet (PDF) - Nisshinbo Micro Devices Inc.

R8153J034B Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # R8153J034B
Download  R8153J034B Download
File Size   561.38 Kbytes
Page   25 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 300mA 36V Input Regulator for Automotive Applications

R8153J034B Datasheet (PDF)

Go To PDF Page Download Datasheet
R8153J034B Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # R8153J034B
Download  R8153J034B Click to download

File Size   561.38 Kbytes
Page   25 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 300mA 36V Input Regulator for Automotive Applications

R8153J034B Datasheet (HTML) - Nisshinbo Micro Devices Inc.


R8153J034B Product details

FEATURES
● Input Voltage Range (Maximum Rating) ·············· 3.5V to 36V (50V)
● Supply Current ·············································· Typ. 100μA
● Supply Current (Standby Mode) ························ Typ. 0.1μA (R8153xxxxB)
● Output Voltage Range ····································· R8153xxxxB: 3.0V to 9.0V (0.1V step)
R8153xxxxC: 3.0V to 12.0V
● Output Voltage Accuracy ·································· R8153xxxxB: 2.0%
● Feed Back Voltage ········································· R8153xxxxC: 3.0V 2.0%
● Line Regulation ·············································· Typ. 0.01%/V (VDD=VOUT+0.5V to 36V)
● Dropout Voltage ············································· Typ. 0.64V (IOUT=300mA, VOUT=5.0V)
● Packages ····················································· HSOP-6J, TO-252-5-P2
● Built-in Output Short-circuit Protection Circuit ······· Typ. 50mA
● Built-in Over-current Protection Circuit ················ Typ. 450mA
● Built-in Thermal Shutdown Circuit ······················ Thermal Shutdown Temperature: Typ. 160°C
● Operating Temperature Range ···························−40 to 125C
● Ceramic capacitors are recommended to be used with this IC
················ CIN=1.0μF or more, COUT=6.8μF or more




Similar Part No. - R8153J034B

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R8150S020B NISSHINBO-R8150S020B Datasheet
529Kb / 21P
150mA 36V Input LDO Regulator for Automotive Applications
R8150S021B NISSHINBO-R8150S021B Datasheet
529Kb / 21P
150mA 36V Input LDO Regulator for Automotive Applications
R8150S022B NISSHINBO-R8150S022B Datasheet
529Kb / 21P
150mA 36V Input LDO Regulator for Automotive Applications
R8150S023B NISSHINBO-R8150S023B Datasheet
529Kb / 21P
150mA 36V Input LDO Regulator for Automotive Applications
R8150S024B NISSHINBO-R8150S024B Datasheet
529Kb / 21P
150mA 36V Input LDO Regulator for Automotive Applications
More results


Similar Description - R8153J034B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LP3991 INTERSIL-LP3991 Datasheet
325Kb / 12P
300mA Linear Voltage Regulator for Digital Applications
December 13, 2007
logo
Texas Instruments
LP3991 TI1-LP3991_14 Datasheet
1Mb / 20P
300mA Linear Voltage Regulator for Digital Applications
logo
ACE Technology Co., LTD...
ACE522 ACE-ACE522 Datasheet
400Kb / 9P
36V Input Linear Regulator
VER 1.1
logo
Maxim Integrated Produc...
MAX25201 MAXIM-MAX25201 Datasheet
1Mb / 22P
36V HV Synchronous Boost Controller for Automotive Infotainment Applications
Rev 3; 2/20
MAX25201 MAXIM-MAX25201_V01 Datasheet
833Kb / 25P
36V HV Synchronous Boost Controller for Automotive Infotainment Applications
2021
logo
Nisshinbo Micro Devices...
R1171S NISSHINBO-R1171S Datasheet
691Kb / 26P
1.5A LDO REGULATOR FOR AUTOMOTIVE APPLICATIONS
R1180N NISSHINBO-R1180N Datasheet
560Kb / 24P
150mA LDO REGULATOR FOR AUTOMOTIVE APPLICATIONS
logo
Diodes Incorporated
AP7375Q DIODES-AP7375Q Datasheet
1Mb / 15P
AUTOMOTIVE COMPLIANT WIDE INPUT VOLTAGE RANGE 300mA ULDO REGULATOR
Rev. 4 - 2 September 2022
logo
Nisshinbo Micro Devices...
R1511X NISSHINBO-R1511X Datasheet
1Mb / 26P
300mA 36V Input Regulator
R1516X NISSHINBO-R1516X Datasheet
400Kb / 14P
150mA 36V Input LDO Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com