Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8151H034B Datasheet (PDF) - Nisshinbo Micro Devices Inc.

R8151H034B Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # R8151H034B
Download  R8151H034B Download
File Size   520.96 Kbytes
Page   24 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 50 mA 36 V Input LDO Regulator for Automotive Applications

R8151H034B Datasheet (PDF)

Go To PDF Page Download Datasheet
R8151H034B Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # R8151H034B
Download  R8151H034B Click to download

File Size   520.96 Kbytes
Page   24 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 50 mA 36 V Input LDO Regulator for Automotive Applications

R8151H034B Datasheet (HTML) - Nisshinbo Micro Devices Inc.


R8151H034B Product details

FEATURES
 Input Voltage Range (Maximum Rating) ................. 4V to 36V (50V)
 Operating Temperature ........................................... 40C to 110C
 Supply Current ........................................................ Typ. 9A
 Standby Current ...................................................... Typ. 0.1A
 Temperature-Drift Coefficient of Output Voltage ..... Typ. 100ppm/C
 Output Current ........................................................ Min. 50mA (VINVOUT3V, R8151x050B)
 Line Regulation ....................................................... Typ. 0.05%/V
 Output Voltage Accuracy ........................................ 4%
 Packages ................................................................ SOT-89-5, HSOP-6J
 Output Voltage Range ............................................ 2.0V to 12.0V (0.1V step)
*For other voltages, please refer to MARK SPECIFICATION TABLE.
 Built-in Peak Current Limit Circuit
 Built-in Short Current Limit Circuit ...................... Typ. 50mA
 Built-in Thermal Shutdown Circuit ...................... Stops at 155C




Similar Part No. - R8151H034B

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R8150S020B NISSHINBO-R8150S020B Datasheet
529Kb / 21P
150mA 36V Input LDO Regulator for Automotive Applications
R8150S021B NISSHINBO-R8150S021B Datasheet
529Kb / 21P
150mA 36V Input LDO Regulator for Automotive Applications
R8150S022B NISSHINBO-R8150S022B Datasheet
529Kb / 21P
150mA 36V Input LDO Regulator for Automotive Applications
R8150S023B NISSHINBO-R8150S023B Datasheet
529Kb / 21P
150mA 36V Input LDO Regulator for Automotive Applications
R8150S024B NISSHINBO-R8150S024B Datasheet
529Kb / 21P
150mA 36V Input LDO Regulator for Automotive Applications
More results


Similar Description - R8151H034B

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-19212B ABLIC-S-19212B Datasheet
960Kb / 60P
AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.5.3_00
S-19213 ABLIC-S-19213 Datasheet
771Kb / 46P
AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 500 mA VOLTAGE REGULATOR
Rev.1.1_00
S-19214 ABLIC-S-19214 Datasheet
811Kb / 46P
AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 1000 mA VOLTAGE REGULATOR
Rev.1.1_00
logo
Rohm
BD7XXL05G-C ROHM-BD7XXL05G-C Datasheet
3Mb / 42P
For Automotive 45 V Input 50 mA Fixed Output LDO Regulators
29.Mar.2022 Rev.001
logo
Nisshinbo Micro Devices...
R1524X NISSHINBO-R1524X Datasheet
2Mb / 37P
200 mA 36 V Input Ultra Low Supply Current VR for Automotive Applications
R1114N NISSHINBO-R1114N Datasheet
467Kb / 26P
Low Noise 150 mA LDO Regulator for Automotive Applications
R1130H NISSHINBO-R1130H Datasheet
1Mb / 26P
300 mA LDO Regulator for Automotive Applications
R1500H NISSHINBO-R1500H Datasheet
591Kb / 27P
500 mA LDO Regulator (Operating Voltage up to 24 V) for Automotive Applications
R1511X-Y NISSHINBO-R1511X-Y Datasheet
1Mb / 26P
300 mA 36 V Input Regulator for High Temperature Applications
logo
Rohm
BD7XXL05G-C ROHM-BD7XXL05G-C_V01 Datasheet
3Mb / 42P
For Automotive 45 V Input 50 mA Fixed Output LDO Regulators
18.Nov.2022 Rev.002
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com