Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM2U1908SBK Datasheet (PDF) - Hammond Manufacturing Ltd.

RM2U1908SBK Datasheet PDF - Hammond Manufacturing Ltd.
Part # RM2U1908SBK
Download  RM2U1908SBK Download
File Size   166.65 Kbytes
Page   3 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Rack-Mounted Instrument Enclosure

RM2U1908SBK Datasheet (PDF)

Go To PDF Page Download Datasheet
RM2U1908SBK Datasheet PDF - Hammond Manufacturing Ltd.

Part # RM2U1908SBK
Download  RM2U1908SBK Click to download

File Size   166.65 Kbytes
Page   3 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Rack-Mounted Instrument Enclosure

RM2U1908SBK Datasheet (HTML) - Hammond Manufacturing Ltd.


RM2U1908SBK Product details

Features
Strong construction yet light weight using all aluminum components
Suitable for desk top or rack mountable applications.
Knockdown design ships un-assembled for easy handling and shipping protection.
Strong construction using:
extruded aluminum side panels 0.125" (3.2 mm) thick
extruded aluminum front & rear panels 0.125" (3.2mm) thick
flat aluminum top and bottom panels 0.064" (1.6 mm) thick
Can be used with or without rack mounting brackets (one pair included)
Front & rear panel are interchangeable.
Enclosure is finished in rugged, textured, black powder paint.
Includes top, bottom, sides, self adhesive rubber feet, rack mount brackets and all assembly hardware
Pull handles & adjustable rear bracket rack mount kit (for deeper models) are not included with unit (see tables & accessories below).
RoHS Compliant.
Manufactured in North America.




Similar Part No. - RM2U1908SBK

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
RM2U1908SBK HAMMOND-RM2U1908SBK Datasheet
198Kb / 1P
Extruded Aluminum Frame - Type 6063
RM2U1908SBK HAMMOND-RM2U1908SBK Datasheet
198Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
RM2U1908SBK HAMMOND-RM2U1908SBK Datasheet
172Kb / 3P
Rack-Mounted Instrument Enclosure RM Series Extruded Aluminum, 19" Rack-Mount or Desktop Use
1/5/2021
RM2U1908SBK HAMMOND-RM2U1908SBK Datasheet
146Kb / 2P
Rack-Mounted Instrument Enclosure RM Series Extruded Aluminum, 19" Rack-Mount or Desktop Use
10/22/2017
RM2U1908SBK HAMMOND-RM2U1908SBK Datasheet
65Kb / 3P
Rugged Rack Chassis RM Series
More results


Similar Description - RM2U1908SBK

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
PA2088 MTRONPTI-PA2088 Datasheet
993Kb / 2P
Rack mounted system
PA2098 MTRONPTI-PA2098 Datasheet
346Kb / 2P
Rack mounted system
logo
M-System Co.,Ltd.
17BXE MSYSTEM-17BXE Datasheet
144Kb / 5P
Rack-mounted Power Transducers 17-RACK
17CE MSYSTEM-17CE Datasheet
90Kb / 2P
Rack-mounted Power Transducers 17-RACK
17HZ MSYSTEM-17HZ Datasheet
92Kb / 2P
Rack-mounted Power Transducers 17-RACK
17MK MSYSTEM-17MK Datasheet
87Kb / 2P
Rack-mounted Power Transducers 17-RACK
17PA MSYSTEM-17PA Datasheet
98Kb / 3P
Rack-mounted Power Transducers 17-RACK
17RK MSYSTEM-17RK Datasheet
88Kb / 2P
Rack-mounted Power Transducers 17-RACK
17TS MSYSTEM-17TS Datasheet
94Kb / 3P
Rack-mounted Power Transducers 17-RACK
logo
PANDUIT CORP.
FRME1U PANDUIT-FRME1U Datasheet
268Kb / 2P
FIBER RACK MOUNTED ENCLOSURE (FRME1U) CUSTOMER DRAWING
11-12-07
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com