Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4435C Datasheet (PDF) - A POWER MICROELECTRONICS

AP4435C Datasheet PDF - A POWER MICROELECTRONICS
Part # AP4435C
Download  AP4435C Download
File Size   831.37 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description -30V P-Channel Enhancement Mode MOSFET

AP4435C Datasheet (PDF)

Go To PDF Page Download Datasheet
AP4435C Datasheet PDF - A POWER MICROELECTRONICS

Part # AP4435C
Download  AP4435C Click to download

File Size   831.37 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description -30V P-Channel Enhancement Mode MOSFET

AP4435C Datasheet (HTML) - A POWER MICROELECTRONICS


AP4435C Product details

Features
- VDS = -30V ID =12A
- RDS(ON) < 18mΩ @ VGS=10V (Type:13mΩ)

Applications
- Lithium battery protection
- Wireless impact
- Mobile phone fast charging




Similar Part No. - AP4435C

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP4435A APME-AP4435A Datasheet
2Mb / 9P
30V P-Channel Enhancement Mode MOSFET
AP4435B APME-AP4435B Datasheet
1Mb / 7P
-30V P-Channel Enhancement Mode MOSFET
logo
Advanced Power Electron...
AP4435D A-POWER-AP4435D Datasheet
69Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4435GH-HF A-POWER-AP4435GH-HF Datasheet
106Kb / 4P
Simple Drive Requirement, Lower On-resistance
AP4435GH-HF A-POWER-AP4435GH-HF Datasheet
109Kb / 5P
Fast Switching Characteristic
More results


Similar Description - AP4435C

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
30V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
MAY 2007
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
30V P-Channel ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP3068L DIODES-DMP3068L_15 Datasheet
348Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
-30V PP-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com