Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS9316 Datasheet (PDF) - Texas Instruments

ADS9316 Datasheet PDF - Texas Instruments
Part # ADS9316
Download  ADS9316 Download
File Size   2927.05 Kbytes
Page   71 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS932x Dual, Simultaneous-Sampling, Small-Size, 16-Bit, 5MSPS SAR ADC

ADS9316 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS9316 Datasheet PDF - Texas Instruments

Part # ADS9316
Download  ADS9316 Click to download

File Size   2927.05 Kbytes
Page   71 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS932x Dual, Simultaneous-Sampling, Small-Size, 16-Bit, 5MSPS SAR ADC

ADS9316 Datasheet (HTML) - Texas Instruments


ADS9316 Product details

1 Features
• 16-bit SAR ADC family
– ADS9327: 5MSPS/ch
– ADS9326: 3MSPS/ch
• Two differential, simultaneously sampled channels
• Supports 5V and 3.3V analog supply operation
• Excellent DC and AC performance:
– SNR: 93.2dB at 5MSPS
– INL: ±0.25LSB, DNL: ±0.2LSB
• Feature integration:
– Internal reference
– Common-mode voltage output buffer
– Integrated buffer for external reference input
– Simple data average up to 128 samples
– Moving data average up to 8 samples
• Configurable serial interface:
– 2 serial outputs for each ADC channel
– 1 serial output for each ADC channel
– 1 serial output for both ADC channels
– Supports daisy-chain functionality
• 8-bit CRC on serial interface
• Extended temperature range: –40°C to +125°C

2 Applications
• Absolute optical encoders
• Absolute magnetic encoders
• Servo drive position feedback
• Ultrasound scanners
• Programmable DC power supplies, electronic
loads
• SONAR

3 Description
The ADS932x is a high-speed, dual, simultaneoussampling,
analog-to-digital converter (ADC) with
an integrated reference and reference buffer. The
ADS932x has excellent AC performance, which
makes the device optimum for wide-bandwidth data
acquisition (DAQ) systems.
The device supports an SPI-compatible serial
interface. This interface makes the ADS932x easy to
pair with a diversity of microcontrollers, digital signal
processors (DSPs), and field-programmable gate
arrays (FPGAs). This device also supports a data
averaging feature that provides an AC performance
boost in noisy environments.




Similar Part No. - ADS9316

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS9316 TI2-ADS9316 Datasheet
2Mb / 70P
ADS931x Dual, Simultaneous-Sampling, Small-Size, 18-Bit, 5MSPS SAR ADC
JUNE 2026
ADS9316VAER TI2-ADS9316VAER Datasheet
2Mb / 70P
ADS931x Dual, Simultaneous-Sampling, Small-Size, 18-Bit, 5MSPS SAR ADC
JUNE 2026
More results


Similar Description - ADS9316

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
23-Feb-2017
AD7264 AD-AD7264_17 Datasheet
1Mb / 30P
1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC
27-May-2017
logo
Linear Technology
LTC2325-16 LINER-LTC2325-16 Datasheet
1Mb / 30P
Quad, 16-Bit, 5Msps/Ch Simultaneous Sampling ADC
LTC2385-18 LINER-LTC2385-18 Datasheet
1Mb / 22P
18-Bit, 5Msps SAR ADC
logo
Texas Instruments
ADS9224R TI1-ADS9224R Datasheet
1Mb / 50P
Dual, Low Latency, Simultaneous-Sampling SAR ADC
ADS9224R TI1-ADS9224R_19 Datasheet
1Mb / 49P
Dual, Low Latency, Simultaneous-Sampling SAR ADC
ADS9224R_1904 TI1-ADS9224R_1904 Datasheet
1Mb / 51P
Dual, Low-Latency, Simultaneous-Sampling SAR ADC
ADS9226 TI1-ADS9226 Datasheet
1Mb / 32P
ADS9226 16-Bit, Dual, Low-Latency, Simultaneous-Sampling SAR ADC
logo
Analog Devices
AD7380-4 AD-AD7380-4 Datasheet
665Kb / 31P
Differential Input, Quad, External Reference Simultaneous Sampling, 16-Bit, SAR ADC
1/2022-Revision 0
logo
Maxim Integrated Produc...
MAX11960 MAXIM-MAX11960 Datasheet
3Mb / 31P
Dual Simultaneous Sampling, 20-Bit, 1Msps, Differential SAR ADC
2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com