Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-5850 Datasheet (PDF) - Advantech Co., Ltd.

USB-5850 Datasheet PDF - Advantech Co., Ltd.
Part # USB-5850
Download  USB-5850 Download
File Size   505.71 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 16-ch Isolated Digital Input and 16-ch Isolated Digital Output USB 3.0 I/O module

USB-5850 Datasheet (PDF)

Go To PDF Page Download Datasheet
USB-5850 Datasheet PDF - Advantech Co., Ltd.

Part # USB-5850
Download  USB-5850 Click to download

File Size   505.71 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 16-ch Isolated Digital Input and 16-ch Isolated Digital Output USB 3.0 I/O module

USB-5850 Datasheet (HTML) - Advantech Co., Ltd.


USB-5850 Product details

Features
ƒƒ USB 3.0 SuperSpeed
ƒƒ Daisy chainable by built in USB hub
ƒƒ 16-ch digital input and 16-ch digital output with 2,500
VDC isolation
ƒƒ Wide input voltage range (10 ~ 30 VDC)
ƒƒ Wide output voltage range (5 ~ 40 VDC) and high output
current (350 mA/ch)
ƒƒ Quick removable European type connector
ƒƒ LED indicators for I/O status
ƒƒ Supported operating systems: Windows XP/7/8/10




Similar Part No. - USB-5850

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
USB-5850 ADVANTECH-USB-5850 Datasheet
611Kb / 1P
16-ch Isolated Digital Input and 16-ch Isolated Digital Output USB 3.0 I/O module
27-Jun-2018
USB-5850-AE ADVANTECH-USB-5850-AE Datasheet
611Kb / 1P
16-ch Isolated Digital Input and 16-ch Isolated Digital Output USB 3.0 I/O module
27-Jun-2018
More results


Similar Description - USB-5850

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCI-1762 ADVANTECH-PCI-1762 Datasheet
587Kb / 1P
16-ch Relay and 16-ch Isolated Digital Input PCI Card
USB-4750 ADVANTECH-USB-4750 Datasheet
519Kb / 1P
32-ch Isolated Digital I/O USB Module
ADAM-4056SO ADVANTECH-ADAM-4056SO Datasheet
80Kb / 1P
16-ch Digital Input Module 16-ch Isolated Digital I/O Module with Modbus
ADAM-6052 ADVANTECH-ADAM-6052 Datasheet
138Kb / 1P
16-ch Source-type Isolated Digital I/O Module
PCI-1762 ADVANTECH-PCI-1762_15 Datasheet
165Kb / 1P
16-ch Relay and 16-ch Isolated Digital Input PCI Card
USB-4750-AE ADVANTECH-USB-4750-AE Datasheet
152Kb / 1P
32-ch Isolated Digital I/O USB Module
USB-4750 ADVANTECH-USB-4750_V01 Datasheet
451Kb / 1P
32-Ch Isolated Digital I/O USB Module
27-Jun-2018
USB-5830 ADVANTECH-USB-5830 Datasheet
611Kb / 1P
16-ch Isolated Digital Input and 16-ch Isolated Digital Output USB 3.0 I/O module
27-Jun-2018
USB-5855 ADVANTECH-USB-5855 Datasheet
623Kb / 1P
32-ch Isolated Digital Input & 16-ch PhotoMOS Relay USB 3.0 I/O module
27-Jun-2018
AMAX-4830 ADVANTECH-AMAX-4830 Datasheet
473Kb / 1P
16-ch Isolated Digital Input and 16-ch Isolated Digital
24-Dec-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com