Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

700 Datasheet (PDF) - Laird Tech Smart Technology

700 Datasheet PDF - Laird Tech Smart Technology
Part # 700
Download  700 Download
File Size   336.72 Kbytes
Page   2 Pages
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology
Description Tflex™ 700 Series Thermal Gap Filler

700 Datasheet (PDF)

Go To PDF Page Download Datasheet
700 Datasheet PDF - Laird Tech Smart Technology

Part # 700
Download  700 Click to download

File Size   336.72 Kbytes
Page   2 Pages
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology
Description Tflex™ 700 Series Thermal Gap Filler

700 Datasheet (HTML) - Laird Tech Smart Technology


700 Product details

FEATURES AND BENEFITS
• Thermal conductivity 5.0 W/mK
• Highly compliant
• Low thermal resistance even at low pressure
• Available in thicknesses from 0.020” thru 0.200” (0.5mm thru 5.0mm)
• Naturally tacky for adhesion during assembly and transport

APPLICATIONS
• Cooling components to chassis, frame or other mating components
• Mass storage devices
• Heat pipe thermal solutions for notebook computers
• Automotive engine control
• Telecommunication hardware
• LED solid state lighting
• Power electronics
• Flat panel displays
• Audio and video components
• Computer servers and other IT infrastructure
• GPS navigation and other portable devices




Similar Part No. - 700

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
700 MICROSEMI-700 Datasheet
82Kb / 2P
RECTIFIERS ASSEMBLIES THREE PHASE BRIDGES, 2.5 AMP, STANDARD AND FAST RECOVERY
logo
E-SWITCH
700 E-SWITCH-700 Datasheet
525Kb / 6P
PUSHBUTTON SWITCHES - SNAP-ACTING
logo
Honeywell Solid State E...
700 HONEYWELL-700 Datasheet
736Kb / 11P
Temperature Sensors Line Guide
logo
List of Unclassifed Man...
700 ETC2-700 Datasheet
310Kb / 1P
PHENOLIC INSTRUMENT CASES
logo
Bourns Electronic Solut...
700 BOURNS-700 Datasheet
332Kb / 2P
RC Terminator Networks
More results


Similar Description - 700

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
HD300 LSTD-HD300 Datasheet
240Kb / 1P
High Deflection Thermal Gap Filler
HR600 LSTD-HR600 Datasheet
815Kb / 2P
Thermal Gap Filler
TFLEX300 LSTD-TFLEX300 Datasheet
232Kb / 2P
Thermal Gap Filler
logo
Wurth Elektronik GmbH &...
40111020 WURTH-40111020 Datasheet
209Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.000
40001050 WURTH-40001050 Datasheet
209Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.000
logo
Laird Tech Smart Techno...
RB300 LSTD-RB300 Datasheet
183Kb / 2P
Thermal Gap Filler
081621
HD700 LSTD-HD700 Datasheet
184Kb / 2P
Thermal Gap Filler
logo
Wurth Elektronik GmbH &...
40004040 WURTH-40004040 Datasheet
290Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.001
40101005 WURTH-40101005 Datasheet
290Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.001
40105005 WURTH-40105005 Datasheet
291Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com