Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA620 Datasheet (PDF) - Texas Instruments

OPA620 Datasheet PDF - Texas Instruments
Part # OPA620
Download  OPA620 Download
File Size   1681.77 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA620 250MHz, Precision, Rail-to-Rail I/O, CMOS Operational Amplifier

OPA620 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA620 Datasheet PDF - Texas Instruments

Part # OPA620
Download  OPA620 Click to download

File Size   1681.77 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA620 250MHz, Precision, Rail-to-Rail I/O, CMOS Operational Amplifier

OPA620 Datasheet (HTML) - Texas Instruments


OPA620 Product details

1 Features
• Unity-gain bandwidth: 250MHz
• Wide bandwidth: 100MHz GBW
• High precision:
– Input offset voltage at 25℃ : ±300μV
(maximum)
– Input offset voltage (-40℃ to 125℃) : ±1mV
(maximum)
– Offset drift: 1.2μV/°C (typical)
• High slew rate: 190V/μs
• Low noise: 5.5nV/√Hz
• Rail-to-rail I/O
• High output current: > 100mA
• Low input bias current: 3pA
• Quiescent current: 5.1mA
• Thermal shutdown
• Supply range: 2.5V to 5.5V

2 Applications
• Voltage sensing
• Current sensing
• Active filter
• Photodiode transimpedance amplifier
• Ultrasound
• Optical networking, tunable laser
• High-speed integrator
• Analog-to-digital converter (ADC) input buffer
• Digital-to-analog converter (DAC) output amplifier
• Communications

3 Description
The single OPA620 is a high-speed, voltage-feedback
operational amplifier designed for current sensing
and precision applications. Offering unity-gain stability
and high output current drive, the OPA620 delivers
enhanced signal-chain precision across temperature,
exceeding the performance of conventional widebandwidth
CMOS amplifiers. Operating with a low
quiescent current of 5.1mA per channel, the OPA620
is suitable for power-sensitive applications.
The OPA620 operates from a single or dual supply
voltage ranging from 2.5V (±1.25V) to 5.5V (±2.75V).
It features a wide common-mode input range
extending beyond the supply rails, and delivers a railto-
rail output swing within 30mV of the positive and
negative supplies, enabling a wide dynamic range.
The OPA620 is available in a small 5-pin SOT-23
package and is specified for operation over an
extended temperature range of –40°C to +125°C.




Similar Part No. - OPA620

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA620 BURR-BROWN-OPA620 Datasheet
309Kb / 15P
Wideband Precision OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA620 TI1-OPA620 Datasheet
231Kb / 16P
OPERATIONAL AMPLIFIER
OPA620 TI2-OPA620 Datasheet
1Mb / 34P
OPAx620 250MHz, Precision, Rail-to-Rail I/O, CMOS Operational Amplifier
REVISED JUNE 2026
OPA620DBVR TI2-OPA620DBVR Datasheet
1Mb / 34P
OPAx620 250MHz, Precision, Rail-to-Rail I/O, CMOS Operational Amplifier
REVISED JUNE 2026
OPA620KG TI1-OPA620KG Datasheet
231Kb / 16P
OPERATIONAL AMPLIFIER
More results


Similar Description - OPA620

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA357 BURR-BROWN-OPA357 Datasheet
424Kb / 23P
250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
OPA354 TI-OPA354 Datasheet
511Kb / 23P
250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8051 SGMICRO-SGM8051 Datasheet
757Kb / 20P
250MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
Texas Instruments
OPA354AIDBVRG4 TI1-OPA354AIDBVRG4 Datasheet
1Mb / 32P
250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA2354AIDGKRG4 TI1-OPA2354AIDGKRG4 Datasheet
1Mb / 33P
250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354AIDBVTG4 TI1-OPA354AIDBVTG4 Datasheet
1Mb / 33P
250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
Rail-to-Rail I/O CMOS Operational Amplifier
SGM8581 SGMICRO-SGM8581 Datasheet
455Kb / 13P
single Rail-to-Rail I/O Precision Operational Amplifier
logo
3PEAK INC.
TPH2501 3PEAK-TPH2501 Datasheet
1Mb / 20P
250MHz, Precision, Rail-to-Rail I/O, CMOS Op-amps
logo
Shenzhen Huazhimei Semi...
HM8051 HMSEMI-HM8051 Datasheet
1Mb / 18P
250MHz Rail-to-Rail Output CMOS Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com