Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APJ10N65D-B Datasheet (PDF) - A POWER MICROELECTRONICS

APJ10N65D-B Datasheet PDF - A POWER MICROELECTRONICS
Part # APJ10N65D-B
Download  APJ10N65D-B Download
File Size   916.28 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 650V N-Channel Enhancement Mode MOSFET

APJ10N65D-B Datasheet (PDF)

Go To PDF Page Download Datasheet
APJ10N65D-B Datasheet PDF - A POWER MICROELECTRONICS

Part # APJ10N65D-B
Download  APJ10N65D-B Click to download

File Size   916.28 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 650V N-Channel Enhancement Mode MOSFET

APJ10N65D-B Datasheet (HTML) - A POWER MICROELECTRONICS


APJ10N65D-B Product details

Features
- VDS = 650V IDM =10A
- RDS(ON) < 890mΩ @ VGS=10V (Type:780mΩ)

Applications
- superior power density and outstanding efficiency
- Uninterruptible Power Supply(UPS)
- Power Factor Correction (PFC)




Similar Part No. - APJ10N65D-B

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
APJ10N65F APME-APJ10N65F Datasheet
1Mb / 7P
650V N-Channel Enhancement Mode MOSFET
APJ10N65FTP APME-APJ10N65FTP Datasheet
1Mb / 7P
650V N-Channel Enhancement Mode MOSFET
APJ10N65P APME-APJ10N65P Datasheet
1Mb / 7P
650V N-Channel Enhancement Mode MOSFET
APJ10N65T APME-APJ10N65T Datasheet
1Mb / 7P
650V N-Channel Enhancement Mode MOSFET
More results


Similar Description - APJ10N65D-B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJP7N65 PANJIT-PJP7N65 Datasheet
204Kb / 5P
650V N-Channel Enhancement Mode MOSFET
PJP10N65 PANJIT-PJP10N65 Datasheet
244Kb / 6P
650V N-Channel Enhancement Mode MOSFET
PJP12N65 PANJIT-PJP12N65 Datasheet
232Kb / 6P
650V N-Channel Enhancement Mode MOSFET
logo
HY ELECTRONIC CORP.
HY2N65D HY-HY2N65D Datasheet
155Kb / 4P
650V / 2A N-Channel Enhancement Mode MOSFET
HY2N65T HY-HY2N65T Datasheet
152Kb / 4P
650V / 2A N-Channel Enhancement Mode MOSFET
HY4N65D HY-HY4N65D Datasheet
155Kb / 4P
650V / 4A N-Channel Enhancement Mode MOSFET
HY8N65T HY-HY8N65T Datasheet
132Kb / 4P
650V / 8A N-Channel Enhancement Mode MOSFET
HY10N65T HY-HY10N65T Datasheet
135Kb / 4P
650V / 10A N-Channel Enhancement Mode MOSFET
HY12N65T HY-HY12N65T Datasheet
134Kb / 4P
650V/ 12A N-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
LMFB10N65 LEIDITECH-LMFB10N65 Datasheet
5Mb / 5P
650V N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com