Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AY1 Datasheet (PDF) - Vishay Siliconix

AY1 Datasheet PDF - Vishay Siliconix
Part # AY1
Download  AY1 Download
File Size   306.17 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive Grade EMI Suppression Safety Capacitor, Ceramic Disc, Class X1, 760 VAC, Class Y1, 500 VAC

AY1 Datasheet (PDF)

Go To PDF Page Download Datasheet
AY1 Datasheet PDF - Vishay Siliconix

Part # AY1
Download  AY1 Click to download

File Size   306.17 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive Grade EMI Suppression Safety Capacitor, Ceramic Disc, Class X1, 760 VAC, Class Y1, 500 VAC

AY1 Datasheet (HTML) - Vishay Siliconix


AY1 Product details

FEATURES
• AEC-Q200 qualified
• Withstands 85 / 85 / 1000 h test
• Can pass 1000 temperature cycles (from -55 °C to +125 °C)
• Can pass 10 kV pulses (10 per polarity)
• Complying with IEC 60384-14
• High reliability
• Singlelayer AC disc safety capacitors
• PPAP (AIAG version) is available
• Material categorization: for definitions of compliance please see www.vishay.com/doc?99912

APPLICATIONS
• X1, Y1 according to IEC 60384-14
• Application as Y capacitors for EMI suppression and primary-secondary coupling on battery chargers for PHEV/EV
• Application as filter capacitors on DC/DC converters for PHEV/EV and HEV
• EMI / RFI suppression and filtering




Similar Part No. - AY1

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AY1 MSYSTEM-AY1 Datasheet
306Kb / 12P
Automotive Grade AC Line Rated Ceramic Disc Capacitors
logo
Vishay Siliconix
AY1 VISHAY-AY1 Datasheet
306Kb / 12P
Automotive Grade AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
22-Mar-2021
logo
List of Unclassifed Man...
AY102 ETC2-AY102 Datasheet
83Kb / 2P
Physics of the Interstellar Medium
logo
STANLEY ELECTRIC CO.,LT...
AY1101F STANLEY-AY1101F Datasheet
367Kb / 21P
Single Color Right Angle Type (3.0 X 2.0 mm)
AY1101F STANLEY-AY1101F Datasheet
410Kb / 21P
Single Color Right Angle Type (3.0 X 2.0 mm)
More results


Similar Description - AY1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WKP VISHAY-WKP Datasheet
85Kb / 4P
Ceramic AC Capacitors Class X1, 760 VAC/Class Y1, 500 VAC
08-Feb-10
WKP472MCPEJ0KR VISHAY-WKP472MCPEJ0KR Datasheet
140Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
03-Apr-13
WKP681MCPQG0KR VISHAY-WKP681MCPQG0KR Datasheet
140Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
03-Apr-13
VY1222M47Y5UQ6UV0 VISHAY-VY1222M47Y5UQ6UV0 Datasheet
127Kb / 6P
AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
11-Jun-12
440LD22-R VISHAY-440LD22-R Datasheet
162Kb / 5P
AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC/Class Y1, 500 VAC
25-Jun-13
440LT33-R VISHAY-440LT33-R Datasheet
162Kb / 5P
AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC/Class Y1, 500 VAC
25-Jun-13
SMDY1 VISHAY-SMDY1 Datasheet
169Kb / 7P
AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
19-Apr-2021
VY1 VISHAY-VY1_V01 Datasheet
207Kb / 8P
EMI Suppression Safety Capacitor, Ceramic Disc, Class X1, 760 VAC, Class Y1, 500 VAC
16-Sep-2021
440L VISHAY-440L_V01 Datasheet
207Kb / 9P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 760 VAC, Class Y1, 500 VAC
29-Oct-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com