Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC1104AE2-156.2500T Datasheet (PDF) - Microchip Technology

DSC1104AE2-156.2500T Datasheet PDF - Microchip Technology
Part # DSC1104AE2-156.2500T
Download  DSC1104AE2-156.2500T Download
File Size   1942.37 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low Jitter Precision HCSL Oscillator

DSC1104AE2-156.2500T Datasheet (PDF)

Go To PDF Page Download Datasheet
DSC1104AE2-156.2500T Datasheet PDF - Microchip Technology

Part # DSC1104AE2-156.2500T
Download  DSC1104AE2-156.2500T Click to download

File Size   1942.37 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low Jitter Precision HCSL Oscillator

DSC1104AE2-156.2500T Datasheet (HTML) - Microchip Technology


DSC1104AE2-156.2500T Product details

Features
•Low RMS Phase Jitter: <1 ps (typ.)
•High Stability: ±10 ppm, ±20 ppm, ±25 ppm, ±50 ppm
•Wide Temperature Range
-Industrial: –40°C to +85°C
-Ext. Commercial: –20°C to +70°C
-Ext. Industrial: –40°C to +105°C
•High Supply Noise Rejection: –50 dBc
•Wide Frequency Range: 2.3 MHz to 460 MHz
•Small Industry Standard Footprints:
-2.5 mm x 2.0 mm, 3.2 mm x 2.5 mm, 5.0 mm x 3.2 mm, and 7.0 mm x 5.0 mm
•Excellent Shock and Vibration Immunity
-Qualified to MIL-STD-883
•High Reliability
-20x Better MTF than Quartz Oscillators
•Low Current Consumption
•Supply Range of 2.25V to 3.6V
•Standby and Output Enable Function
•Lead Free and RoHS Compliant

Applications
•Storage Area Networks
-SATA, SAS, Fibre Channel
•Passive Optical Networks
-EPON, 10G-EPON, GPON, 10G-PON
•Ethernet
-1G, 10GBASE-T/KR/LR/SR, and FCoE
•HD/SD/SDI Video and Surveillance
•PCI Express: Gen 1 to Gen 4
•Display Port

General Description
The DSC1104 and DSC1124 series of high performance oscillators utilizes a proven silicon MEMS technology to provide excellent jitter and stability over a wide range of supply voltages and temperatures. By eliminating the need for quartz or SAW technology, MEMS oscillators significantly enhance reliability and accelerate product development, while meeting stringent clock performance criteria for a variety of communications, storage, and networking applications.
DSC1104 has a standby feature allowing it to completely power down when EN pin is pulled low; whereas for DSC1124, only the outputs are disabled when EN is low. Both oscillators are available in industry standard packages, including the small 2.5 mm x 2.0 mm, and are drop-in replacements for standard 6-pin HCSL quartz crystal oscillators.




Similar Part No. - DSC1104AE2-156.2500T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC1104AE2 MICREL-DSC1104AE2 Datasheet
563Kb / 7P
Low-Jitter Precision HCSL Oscillator
logo
Microchip Technology
DSC1104AE2T MICROCHIP-DSC1104AE2T Datasheet
496Kb / 28P
Low Jitter Precision HCSL Oscillator
10/25/17
More results


Similar Description - DSC1104AE2-156.2500T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC2044 MICREL-DSC2044 Datasheet
529Kb / 6P
Low-Jitter Configurable Dual HCSL Oscillator
DSC1104 MICREL-DSC1104 Datasheet
563Kb / 7P
Low-Jitter Precision HCSL Oscillator
DSC2042 MICREL-DSC2042 Datasheet
527Kb / 6P
Low-Jitter Configurable HCSL-LVPECL Oscillator
DSC2041 MICREL-DSC2041 Datasheet
537Kb / 6P
Low-Jitter Configurable Dual HCSL-CMOS Oscillator
DSC2040 MICREL-DSC2040 Datasheet
521Kb / 5P
Low-Jitter Configurable HCSL Oscillator
logo
Microchip Technology
DSC1104 MICROCHIP-DSC1104 Datasheet
496Kb / 28P
Low Jitter Precision HCSL Oscillator
10/25/17
logo
Micrel Semiconductor
DSC8004 MICREL-DSC8004 Datasheet
687Kb / 6P
Programmable Low-Jitter Precision HCSL Oscillator
DSC2043 MICREL-DSC2043 Datasheet
534Kb / 6P
Low-Jitter Configurable HCSL-LVDS Oscillator
DSC2140 MICREL-DSC2140 Datasheet
558Kb / 5P
Low-Jitter I2C/SPI Programmable HCSL Oscillator
DSC2142 MICREL-DSC2142 Datasheet
674Kb / 6P
Low-Jitter I2C/SPI Programmable HCSL-LVPECL Oscillator
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com