Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9ZML1232E Datasheet (PDF) - Renesas Technology Corp

9ZML1232E Datasheet PDF - Renesas Technology Corp
Part # 9ZML1232E
Download  9ZML1232E Download
File Size   653.32 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2:12 DB1200ZL Derivative for PCIe Gen1–4 and UPI

9ZML1232E Datasheet (PDF)

Go To PDF Page Download Datasheet
9ZML1232E Datasheet PDF - Renesas Technology Corp

Part # 9ZML1232E
Download  9ZML1232E Click to download

File Size   653.32 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2:12 DB1200ZL Derivative for PCIe Gen1–4 and UPI

9ZML1232E Datasheet (HTML) - Renesas Technology Corp


9ZML1232E Product details

▪ 2 configurable low drift I2O delays up to 2.9ns; maintain
transport delay for various topologies
▪ LP-HCSL outputs; eliminate 24 resistors (9ZML1232E)
▪ LP-HCSL outputs with Zout = 85Ω; eliminate 48 resistors
(9ZML1252E)
▪ 9 selectable SMBus addresses; multiple devices can share
same SMBus segment
▪ Separate VDDIO for outputs; allows maximum power savings
▪ PLL or Bypass Mode; PLL can dejitter incoming clock
▪ Hardware or software-selectable PLL BW; minimizes jitter
peaking in downstream PLLs
▪ Spread spectrum compatible; tracks spreading input clock for
EMI reduction
▪ SMBus interface; software can modify device settings without
hardware changes
▪ 10 × 10 mm 72-VFQFPN package; small board footprint




Similar Part No. - 9ZML1232E

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9ZML1232E IDT-9ZML1232E Datasheet
401Kb / 19P
2:12 DB1200ZL Derivative for PCIe Gen1?? and UPI
logo
Renesas Technology Corp
9ZML1232E RENESAS-9ZML1232E Datasheet
711Kb / 20P
2:12 DB1200ZL Derivative for PCIe Gen1–4 and UPI
May 12, 2021
logo
Integrated Device Techn...
9ZML1232EKILF IDT-9ZML1232EKILF Datasheet
401Kb / 19P
2:12 DB1200ZL Derivative for PCIe Gen1?? and UPI
logo
Renesas Technology Corp
9ZML1232EKILF RENESAS-9ZML1232EKILF Datasheet
711Kb / 20P
2:12 DB1200ZL Derivative for PCIe Gen1–4 and UPI
May 12, 2021
logo
Integrated Device Techn...
9ZML1232EKILFT IDT-9ZML1232EKILFT Datasheet
401Kb / 19P
2:12 DB1200ZL Derivative for PCIe Gen1?? and UPI
More results


Similar Description - 9ZML1232E

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9ZML1232E IDT-9ZML1232E Datasheet
401Kb / 19P
2:12 DB1200ZL Derivative for PCIe Gen1?? and UPI
9ZML1233E IDT-9ZML1233E Datasheet
408Kb / 24P
2:12 DB1200ZL Derivative for PCIe Gen1-4
9ZXL1930D IDT-9ZXL1930D Datasheet
359Kb / 24P
19-Output DB1900Z Derivative for PCIe Gen1?? and UPI
9ZXL1530D IDT-9ZXL1530D Datasheet
292Kb / 23P
15-Output DB1900Z Derivative for PCIe Gen1?? and UPI
9ZXL1232E IDT-9ZXL1232E Datasheet
254Kb / 21P
12-Output DB1200ZL Derivative for PCIe Gen1?? and UPI
9ZXL1231E IDT-9ZXL1231E Datasheet
267Kb / 21P
12-Output DB1200ZL for PCIe Gen1?? and UPI
9ZXL0832E IDT-9ZXL0832E Datasheet
274Kb / 18P
8-Output DB800ZL Derivative PCIe Gen1?? and UPI
9ZXL0631E IDT-9ZXL0631E Datasheet
303Kb / 20P
6-Output DB800ZL Derivative for PCIe Gen1?? and UPI
logo
Renesas Technology Corp
9ZML1232E RENESAS-9ZML1232E Datasheet
711Kb / 20P
2:12 DB1200ZL Derivative for PCIe Gen1–4 and UPI
May 12, 2021
9ZML1233E RENESAS-9ZML1233E Datasheet
723Kb / 24P
2:12 DB1200ZL Derivative for PCIe Gen1-4 and UPI
May 12, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com