Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM001A Datasheet (PDF) - A POWER MICROELECTRONICS

APM001A Datasheet PDF - A POWER MICROELECTRONICS
Part # APM001A
Download  APM001A Download
File Size   1662.33 Kbytes
Page   9 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 40V N-Channel Enhancement Mode BJT MOSFET

APM001A Datasheet (PDF)

Go To PDF Page Download Datasheet
APM001A Datasheet PDF - A POWER MICROELECTRONICS

Part # APM001A
Download  APM001A Click to download

File Size   1662.33 Kbytes
Page   9 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 40V N-Channel Enhancement Mode BJT MOSFET

APM001A Datasheet (HTML) - A POWER MICROELECTRONICS


APM001A Product details

Features
- VDS = 40V ID =0.3A
- RDS(ON) < 2800mΩ @ VGS=10V (Type:1800mΩ)

Applications
- Battery protection
- Load switch
- Uninterruptible power supply




Similar Part No. - APM001A

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
APM0400-P33 ASB-APM0400-P33 Datasheet
726Kb / 4P
Low Noise and High OIP3 Medium Power Amplifier Module
October 2009
APM0400-P33 ASB-APM0400-P33 Datasheet
313Kb / 4P
Medium Power Amplifier Module
September 2017
APM0400-P33 ASB-APM0400-P33_17 Datasheet
313Kb / 4P
Medium Power Amplifier Module
September 2017
APM0742-P29 ASB-APM0742-P29 Datasheet
802Kb / 5P
High OIP3 Medium Power Amplifier Module
February 2009
APM0742-P29 ASB-APM0742-P29 Datasheet
361Kb / 5P
Medium Power Amplifier Module
August 2017
More results


Similar Description - APM001A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN4036LK3 DIODES-DMN4036LK3 Datasheet
672Kb / 8P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN4036LK3 DIODES-DMN4036LK3_10 Datasheet
651Kb / 8P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
DS32122 Rev. 2 - 2
ZXMN4A06G DIODES-ZXMN4A06G Datasheet
174Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
MAY 2002
ZXMN4A06K DIODES-ZXMN4A06K Datasheet
570Kb / 8P
40V N-channel enhancement mode MOSFET
MARCH 2006
ZXMN4A06G DIODES-ZXMN4A06G_15 Datasheet
676Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
ZXMN4A06GQ DIODES-ZXMN4A06GQ Datasheet
382Kb / 6P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMT4002LPS DIODES-DMT4002LPS Datasheet
405Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
DONGGUAN YOU FENG WEI E...
YFW25N04S YFWDIODE-YFW25N04S Datasheet
1Mb / 5P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80N04AD-L YFWDIODE-YFW80N04AD-L Datasheet
1Mb / 5P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80N04AD YFWDIODE-YFW80N04AD Datasheet
1Mb / 5P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com