Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4102000 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

4102000 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 4102000
Download  4102000 Download
File Size   189.81 Kbytes
Page   3 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-TMA Nut M3 for heatsinks

4102000 Datasheet (PDF)

Go To PDF Page Download Datasheet
4102000 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 4102000
Download  4102000 Click to download

File Size   189.81 Kbytes
Page   3 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-TMA Nut M3 for heatsinks

4102000 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


4102000 Product details

General Information:
Operating Temperature -20 °C up to +160 °C
Storage Conditions (in original
packaging) 5 °C up to 35 °C; < 75 %
Moisture Sensitivity Level (MSL) 1
Packaging Bulk




Similar Part No. - 4102000

ManufacturerPart #DatasheetDescription
logo
Sealevel Systems, Inc.
4102 SEALEVEL-4102 Datasheet
707Kb / 2P
Ethernet to 1-Port RS-422, RS-485 Serial Server
4102-TB SEALEVEL-4102-TB Datasheet
741Kb / 2P
Ethernet to 1-Port RS-422, RS-485 Serial Server Kit
logo
Presto International UK...
41021 PRESTO-41021 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
Philips Lighting N.V
41021460 PHILIPSLIGHTING-41021460 Datasheet
159Kb / 5P
Halogen reflector
Sunday 2nd March, 2014
41024560 PHILIPSLIGHTING-41024560 Datasheet
159Kb / 5P
Halogen reflector
Sunday 2nd March, 2014
More results


Similar Description - 4102000

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APA501-80-001 ASTEC-APA501-80-001 Datasheet
1Mb / 2P
Heatsinks and Accessories
logo
Ohmite Mfg. Co.
DV-T263-101E OHMITE-DV-T263-101E Datasheet
104Kb / 1P
D Series Heatsinks
EV-T220-38E OHMITE-EV-T220-38E Datasheet
269Kb / 1P
E Series Heatsinks
RA-T2X-25E OHMITE-RA-T2X-25E Datasheet
311Kb / 1P
F and R Series Heatsinks
WA-T220-101E OHMITE-WA-T220-101E Datasheet
197Kb / 1P
W Series Heatsinks
logo
Dialight Corporation
LKHS9 DIALIGHT-LKHS9 Datasheet
63Kb / 1P
LKHS LINKLED HEATSINKS
logo
Ohmite Mfg. Co.
SV-LED OHMITE-SV-LED Datasheet
267Kb / 1P
Heatsinks For Power LED Modules
SINK-SVLED OHMITE-SINK-SVLED Datasheet
267Kb / 1P
Heatsinks For Power LED Modules
HS-SERIES OHMITE-HS-SERIES Datasheet
395Kb / 2P
Heatsinks for Arcol Resistors
logo
Recom International Pow...
R-78HB RECOM-R-78HB_17 Datasheet
495Kb / 4P
Efficiency up to 93%, no need for heatsinks
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com