Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU7600 Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NJU7600 Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NJU7600
Download  NJU7600 Download
File Size   259.3 Kbytes
Page   9 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description PWM control Step-Up / Flyback switching regulator IC

NJU7600 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJU7600 Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NJU7600
Download  NJU7600 Click to download

File Size   259.3 Kbytes
Page   9 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description PWM control Step-Up / Flyback switching regulator IC

NJU7600 Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NJU7600 Product details

■FEATURES
● PWM switching control
● Operating Voltage 2.2V to 8V
● Wide Oscillator Range 300kHz to 1MHz
● Maximum Duty Cycle 90% typ.
● Quiescent Current 800A typ.
● Soft-Start Function Internal : 16ms typ. or adjustable
● Dead Time Control
● Timer Latch for Short Circuit Protection
● C-MOS Technology
● Package Outline NJU7600M : DMP8
NJU7600RB1 : MSOP8 (TVSP8)*
NJU7600RB2 : MSOP10 (TVSP10)*
*MEET JEDEC MO-187-DA / THIN TYPE




Similar Part No. - NJU7600

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7600 NJRC-NJU7600 Datasheet
110Kb / 9P
PWM control Step-Up / Flyback switching regulator IC
NJU7600M NJRC-NJU7600M Datasheet
110Kb / 9P
PWM control Step-Up / Flyback switching regulator IC
NJU7600RB1 NJRC-NJU7600RB1 Datasheet
110Kb / 9P
PWM control Step-Up / Flyback switching regulator IC
More results


Similar Description - NJU7600

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2368 NJRC-NJM2368 Datasheet
312Kb / 8P
SWITCHING REGULATOR CONTROL IC FOR FLYBACK
NJM2369 NJRC-NJM2369 Datasheet
329Kb / 9P
SWITCHING REGULATOR CONTROL IC FOR FLYBACK?
logo
Anachip Corp
AP1623 ANACHIP-AP1623 Datasheet
182Kb / 6P
PWM Control Step-Down Switching Regulator-Converter
Rev. 0.1 Feb 10, 2004
logo
New Japan Radio
NJU7600 NJRC-NJU7600 Datasheet
110Kb / 9P
PWM control Step-Up / Flyback switching regulator IC
NJU7630 NJRC-NJU7630 Datasheet
105Kb / 9P
PWM control Step-Down switching regulator IC
logo
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
logo
New Japan Radio
NJU7677 NJRC-NJU7677 Datasheet
131Kb / 9P
1.8V Operate PWM control Step-Up / Flyback switching regulator IC
NJU7678 NJRC-NJU7678 Datasheet
150Kb / 9P
Internal 60V, 3A MOSFET Step-Up / Flyback Switching Regulator IC
NJU7630 NJRC-NJU7630_12 Datasheet
168Kb / 9P
PWM control Step-Down switching regulator IC
logo
AiT Semiconductor Inc.
A7523 AITSEMI-A7523 Datasheet
573Kb / 10P
DC-DC CONVERTERBOOST(STEP-UP) SUPER-SMALL PACKAGE PWM CONTROL STEP-UP SWITCHING REGULATOR
REV1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com