Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M36W432B Datasheet (PDF) - STMicroelectronics

M36W432B Datasheet PDF - STMicroelectronics
Part # M36W432B
Download  M36W432B Download
File Size   418.73 Kbytes
Page   57 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32 Mbit 2Mb x16, Boot Block Flash Memory and 4 Mbit 256K x16 SRAM, Multiple Memory Product

M36W432B Datasheet (PDF)

Go To PDF Page Download Datasheet
M36W432B Datasheet PDF - STMicroelectronics

Part # M36W432B
Download  M36W432B Click to download

File Size   418.73 Kbytes
Page   57 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32 Mbit 2Mb x16, Boot Block Flash Memory and 4 Mbit 256K x16 SRAM, Multiple Memory Product

M36W432B Datasheet (HTML) - STMicroelectronics


M36W432B Product details

SUMMARY DESCRIPTION
The M36W432 is a low voltage Multiple Memory Product which combines two memory devices; a 32 Mbit boot block Flash memory and a 4 Mbit SRAM. Recommended operating conditions do not allow both the Flash and the SRAM to be active at the same time.

FEATURES SUMMARY
■ SUPPLY VOLTAGE
    – VDDF = 2.7V to 3.3V
    – VDDS = VDDQF = 2.7V to 3.3V
    – VPPF = 12V for Fast Program (optional)
■ ACCESS TIME: 70,85ns
■ LOW POWER CONSUMPTION
■ ELECTRONIC SIGNATURE
    – Manufacturer Code: 20h
    – Top Device Code, M36W432T: 88BAh
    – Bottom Device Code, M36W432B: 88BBh

FLASH MEMORY
■ 32 Mbit (2Mb x16) BOOT BLOCK
    – 8 x 4 KWord Parameter Blocks (Top or Bottom Location)
■ PROGRAMMING TIME
    – 10µs typical
    – Double Word Programming Option
■ BLOCK LOCKING
    – All blocks locked at Power up
    – Any combination of blocks can be locked
    – WPF for Block Lock-Down
■ AUTOMATIC STAND-BY MODE
■ PROGRAM and ERASE SUSPEND
■ COMMON FLASH INTERFACE
    – 64 bit Security Code
■ SECURITY
    – 64 bit user programmable OTP cells
    – 64 bit unique device identifier
    – One parameter block permanently lockable

SRAM
■ 4 Mbit (256K x 16 bit)
■ ACCESS TIME: 70ns
■ LOW VDDS DATA RETENTION: 1.5V
■ POWER DOWN FEATURES USING TWO CHIP ENABLE INPUTS




Similar Part No. - M36W432B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36W432BG STMICROELECTRONICS-M36W432BG Datasheet
439Kb / 66P
32 Mbit 2Mb x16, Boot Block Flash Memory and 4 Mbit 256Kb x16 SRAM, Multiple Memory Product
19-Nov-2002
M36W432BG70ZA1T STMICROELECTRONICS-M36W432BG70ZA1T Datasheet
439Kb / 66P
32 Mbit 2Mb x16, Boot Block Flash Memory and 4 Mbit 256Kb x16 SRAM, Multiple Memory Product
19-Nov-2002
M36W432BG70ZA6T STMICROELECTRONICS-M36W432BG70ZA6T Datasheet
439Kb / 66P
32 Mbit 2Mb x16, Boot Block Flash Memory and 4 Mbit 256Kb x16 SRAM, Multiple Memory Product
19-Nov-2002
M36W432BG85ZA1T STMICROELECTRONICS-M36W432BG85ZA1T Datasheet
439Kb / 66P
32 Mbit 2Mb x16, Boot Block Flash Memory and 4 Mbit 256Kb x16 SRAM, Multiple Memory Product
19-Nov-2002
M36W432BG85ZA6T STMICROELECTRONICS-M36W432BG85ZA6T Datasheet
439Kb / 66P
32 Mbit 2Mb x16, Boot Block Flash Memory and 4 Mbit 256Kb x16 SRAM, Multiple Memory Product
19-Nov-2002
More results


Similar Description - M36W432B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36DR232A STMICROELECTRONICS-M36DR232A Datasheet
329Kb / 46P
32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 2 Mbit 128K x16 SRAM, Multiple Memory Product
19-Nov-2001
M36DR432A STMICROELECTRONICS-M36DR432A Datasheet
328Kb / 46P
32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256K x16 SRAM, Multiple Memory Product
19-Nov-2001
M36DR432AD STMICROELECTRONICS-M36DR432AD Datasheet
834Kb / 52P
32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256Kb x16 SRAM, Multiple Memory Product
28-Feb-2003
M36DR432C STMICROELECTRONICS-M36DR432C Datasheet
330Kb / 46P
32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256K x16 SRAM, Multiple Memory Product
19-Nov-2001
M36W216TI STMICROELECTRONICS-M36W216TI Datasheet
434Kb / 62P
16 Mbit 1Mb x16, Boot Block Flash Memory and 2 Mbit 128Kb x16 SRAM, Multiple Memory Product
19-Nov-2002
M36W416TG STMICROELECTRONICS-M36W416TG Datasheet
435Kb / 62P
16 Mbit 1Mb x16, Boot Block Flash Memory and 4Mbit 256Kb x16 SRAM, Multiple Memory Product
19-Nov-2002
M36W432TG STMICROELECTRONICS-M36W432TG Datasheet
439Kb / 66P
32 Mbit 2Mb x16, Boot Block Flash Memory and 4 Mbit 256Kb x16 SRAM, Multiple Memory Product
19-Nov-2002
M36W832TE STMICROELECTRONICS-M36W832TE Datasheet
897Kb / 64P
32 Mbit 2Mb x16, Boot Block Flash Memory and 8 Mbit 512Kb x16 SRAM, Multiple Memory Product
26-May-2003
M28W320CT STMICROELECTRONICS-M28W320CT Datasheet
414Kb / 42P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
17-May-2000
logo
Numonyx B.V
M28W320FCT NUMONYX-M28W320FCT Datasheet
1Mb / 69P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com