Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F85X Datasheet (PDF) - Silicon Laboratories

C8051F85X Datasheet PDF - Silicon Laboratories
Part # C8051F85X
Download  C8051F85X Download
File Size   5092.44 Kbytes
Page   313 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Low-Cost 8-bit MCU Family with up to 8 kB of Flash

C8051F85X Datasheet (PDF)

Go To PDF Page Download Datasheet
C8051F85X Datasheet PDF - Silicon Laboratories

Part # C8051F85X
Download  C8051F85X Click to download

File Size   5092.44 Kbytes
Page   313 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Low-Cost 8-bit MCU Family with up to 8 kB of Flash

C8051F85X Datasheet (HTML) - Silicon Laboratories


C8051F85X Product details

General Features
The C8051F85x/86x ports have the following features:
Push-pull or open-drain output modes and analog or digital modes.
Port Match allows the device to recognize a change on a port pin value and wake from idle mode or generate an interrupt.
Internal pull-up resistors can be globally enabled or disabled.
Two external interrupts provide unique interrupt vectors for monitoring time-critical events.
Above-rail tolerance allows 5 V interface when device is powered.




Similar Part No. - C8051F85X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F85X SILABS-C8051F85X Datasheet
4Mb / 313P
Low-Cost 8-bit MCU Family with up to 8 kB of Flash
Rev. 1.1 2022-11-21
C8051F85X86X SILABS-C8051F85X86X Datasheet
2Mb / 290P
Low-Cost 8-bit MCU Family with up to 8 kB of Flash
More results


Similar Description - C8051F85X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F310 ETC1-C8051F310 Datasheet
2Mb / 224P
8/16 kB ISP Flash MCU Family
logo
Silicon Laboratories
C8051F52X-53X SILABS-C8051F52X-53X Datasheet
2Mb / 220P
8/4/2 kB ISP Flash MCU Family
C8051F310 SILABS-C8051F310_1 Datasheet
2Mb / 228P
8/16 kB ISP Flash MCU Family
C8051F850-B-GM SILABS-C8051F850-B-GM Datasheet
2Mb / 290P
Low-Cost 8-bit MCU Family with up to 8 kB of Flash
C8051F85X86X SILABS-C8051F85X86X Datasheet
2Mb / 290P
Low-Cost 8-bit MCU Family with up to 8 kB of Flash
C8051F850-C-GM SILABS-C8051F850-C-GM Datasheet
3Mb / 328P
Low-Cost 8-bit MCU Family with up to 8 kB of Flash
logo
STMicroelectronics
ST7260XX STMICROELECTRONICS-ST7260XX Datasheet
1Mb / 139P
Low speed USB 8-bit MCU family with up to 8K Flash
05-Feb-2009
logo
Silicon Laboratories
SIM3C1XX SILABS-SIM3C1XX Datasheet
2Mb / 90P
High-Performance, Low-Power, 32-Bit Precision32??MCU Family with up to 256 kB of Flash
logo
NXP Semiconductors
LPC111XLV NXP-LPC111XLV Datasheet
1Mb / 53P
32-bit ARM Cortex-M0 MCU; up to 32 kB flash, 8 kB SRAM; 8-bit ADC
Rev. 2-10 October 2012
logo
Silicon Laboratories
C8051F85X SILABS-C8051F85X Datasheet
4Mb / 313P
Low-Cost 8-bit MCU Family with up to 8 kB of Flash
Rev. 1.1 2022-11-21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com