Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

154N-001G-R Datasheet (PDF) - TE Connectivity Ltd

154N-001G-R Datasheet PDF - TE Connectivity Ltd
Part # 154N-001G-R
Download  154N-001G-R Download
File Size   241.34 Kbytes
Page   5 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description 154N

154N-001G-R Datasheet (PDF)

Go To PDF Page Download Datasheet
154N-001G-R Datasheet PDF - TE Connectivity Ltd

Part # 154N-001G-R
Download  154N-001G-R Click to download

File Size   241.34 Kbytes
Page   5 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description 154N

154N-001G-R Datasheet (HTML) - TE Connectivity Ltd


154N-001G-R Product details

FEATURES
 O-Ring mount
 -40℃ to +125℃ Operating
Temperature Range
 Up to ±0.1% Pressure Non-Linearity
 1.0% Interchangeable Span
(provided by gain set resistor)
 Solid State Reliability

APPLICATIONS
 Medical Instruments
 Process Control
 Fresh & Waste Water Measurements
 Refrigeration/Compressors
 Pressure Transmitters
 Hydraulic Controls

SPECIFICATIONS
 316L SS Pressure Sensor
 Temperature Compensated
 0-100mV Output
 Absolute and Gage
 19mm diaphragm diameter




Similar Part No. - 154N-001G-R

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
154N-001G-R TEC-154N-001G-R Datasheet
241Kb / 5P
Compensated
REVA 10/2021
154N-001G-RT TEC-154N-001G-RT Datasheet
241Kb / 5P
Compensated
REVA 10/2021
More results





Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com