Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZCCBDMEDGK161W Datasheet (PDF) - SunLED Corporation

ZCCBDMEDGK161W Datasheet PDF - SunLED Corporation
Part # ZCCBDMEDGK161W
Download  ZCCBDMEDGK161W Download
File Size   417.21 Kbytes
Page   4 Pages
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation
Description 2.5 x 0.7mm Ultra Low Current Series

ZCCBDMEDGK161W Datasheet (PDF)

Go To PDF Page Download Datasheet
ZCCBDMEDGK161W Datasheet PDF - SunLED Corporation

Part # ZCCBDMEDGK161W
Download  ZCCBDMEDGK161W Click to download

File Size   417.21 Kbytes
Page   4 Pages
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation
Description 2.5 x 0.7mm Ultra Low Current Series

ZCCBDMEDGK161W Datasheet (HTML) - SunLED Corporation


ZCCBDMEDGK161W Product details

Features
● 2.5 x 0.7 x 1.0 mm right angle SMD LED
● Ideal for indication on hand held products
● Low current operation
● Standard Package: 3,000pcs/ Reel
● MSL (Moisture Sensitivity Level): 3
● Halogen-free
● RoHS compliant





Similar Description - ZCCBDMEDGK161W

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
MT1010 EUROQUARTZ-MT1010 Datasheet
223Kb / 1P
3.2 x 2.5 x 0.7mm SMD
logo
List of Unclassifed Man...
MP-201 ETC1-MP-201 Datasheet
128Kb / 1P
Plug Low Voltage, 0.7mm
logo
EUROQUARTZ limited
MT EUROQUARTZ-MT Datasheet
106Kb / 1P
3.2 x 2.5 x 0.7mm SMD
X32 EUROQUARTZ-X32 Datasheet
106Kb / 1P
3.2 x 2.5 x 0.7mm SMD
X4115 EUROQUARTZ-X4115 Datasheet
128Kb / 1P
4.1 x 1.5 x 0.7mm Miniature SMD
X32-W EUROQUARTZ-X32-W Datasheet
135Kb / 1P
3.2 x 2.5 x 0.7mm SMD
logo
Transko Electronics, In...
CS32 TRANSKO-CS32 Datasheet
196Kb / 1P
MINIATURE CERAMIC SMD CRYSTAL (3.2 x 2.5 x 0.7mm)
Rev 8: 10-10-19
CX32 TRANSKO-CX32 Datasheet
312Kb / 2P
MINIATURE CERAMIC SMD CRYSTAL (3.2 x 2.5 x 0.7mm)
Rev 0: 11-12-2020
TSM16 TRANSKO-TSM16 Datasheet
292Kb / 1P
ULTRA MINIATURE SMD HCMOS OSCILLATOR (1.6 x 1.2 x 0.7mm)
Rev 1: 02-24-2022
TX-U TRANSKO-TX-U Datasheet
254Kb / 2P
ULTRA MINITURE CERAMIC SMD TCXO / VCTCXO (2.0 x 1.6 x 0.7mm)
Rev. 2: Oct. 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com