Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BG20B Datasheet (PDF) - BeRex Corporation

BG20B Datasheet PDF - BeRex Corporation
Part # BG20B
Download  BG20B Download
File Size   955.04 Kbytes
Page   10 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 5-800 MHz Internally Matched IF Amplifier

BG20B Datasheet (PDF)

Go To PDF Page Download Datasheet
BG20B Datasheet PDF - BeRex Corporation

Part # BG20B
Download  BG20B Click to download

File Size   955.04 Kbytes
Page   10 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 5-800 MHz Internally Matched IF Amplifier

BG20B Datasheet (HTML) - BeRex Corporation


BG20B Product details

Device Features
• OIP3 = 41.0 dBm @ 70 MHz
• Gain = 22.0 dB @ 70 MHz
• Output P1 dB = 21.0 dBm @ 70 MHz
• Patented temperature compensation
• RoHS2-compliant SOT-89 SMT package

Product Description
BeRex’s BG20B is a high performance InGaP/GaAs HBT MMIC amplifier, internally matched to 50 Ohms and uses a patented temperature compensation circuit to provide stable current over the operating temperature range without the need for external components. The BG20B is designed for high linearity IF amplifier that requires excellent gain, high OIP3 and flatness. It is packaged in a RoHS2-compliant with SOT-89 surface mount package.

Applications
• Base station Infrastructure/RFID
• Commercial/Industrial/Military wireless system




Similar Part No. - BG20B

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BG20B BEREX-BG20B Datasheet
1Mb / 9P
5-800 MHz Internally Matched IF Amplifier
BG20B BEREX-BG20B Datasheet
470Kb / 10P
5-800 MHz Internally Matched IF Amplifier
BG20B BEREX-BG20B Datasheet
1Mb / 9P
5-800 MHz Internally Matched IF Amplifier
BG20B BEREX-BG20B Datasheet
1Mb / 9P
5-800 MHz Internally Matched IF Amplifier
BG20B BEREX-BG20B_1 Datasheet
1Mb / 9P
5-800 MHz Internally Matched IF Amplifier
More results


Similar Description - BG20B

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BG20B BEREX-BG20B Datasheet
470Kb / 10P
5-800 MHz Internally Matched IF Amplifier
BG20A BEREX-BG20A_1 Datasheet
1Mb / 8P
5-800 MHz Internally Matched IF Amplifier
BIF1 BEREX-BIF1_1 Datasheet
1Mb / 9P
5-800 MHz Internally Matched IF Amplifier
BIF5 BEREX-BIF5_1 Datasheet
1Mb / 11P
5-800 MHz Internally Matched IF Amplifier
BIF7 BEREX-BIF7_1 Datasheet
1Mb / 10P
5-800 MHz Internally Matched IF Amplifier
BG20B BEREX-BG20B_16 Datasheet
1Mb / 9P
5-800 MHz Internally Matched IF Amplifier
BIF3 BEREX-BIF3_16 Datasheet
1Mb / 9P
5-800 MHz Internally Matched IF Amplifier
BIF7 BEREX-BIF7_16 Datasheet
1Mb / 10P
5-800 MHz Internally Matched IF Amplifier
BG20A BEREX-BG20A_18 Datasheet
1Mb / 8P
5-800 MHz Internally Matched IF Amplifier
BIF7 BEREX-BIF7_18 Datasheet
1Mb / 10P
5-800 MHz Internally Matched IF Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com