Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BIF3 Datasheet (PDF) - BeRex Corporation

BIF3 Datasheet PDF - BeRex Corporation
Part # BIF3
Download  BIF3 Download
File Size   959.67 Kbytes
Page   10 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 5-800 MHz Internally Matched IF Amplifier

BIF3 Datasheet (PDF)

Go To PDF Page Download Datasheet
BIF3 Datasheet PDF - BeRex Corporation

Part # BIF3
Download  BIF3 Click to download

File Size   959.67 Kbytes
Page   10 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 5-800 MHz Internally Matched IF Amplifier

BIF3 Datasheet (HTML) - BeRex Corporation


BIF3 Product details



• OIP3 = 44.0 dBm @ 70 MHz
• Gain = 20.3 dB @ 70 MHz
• Output P1 dB = 23.5 dBm @ 70 MHz
• Patented over voltage protection
• RoHS2-compliant SOT-89 SMT package

Product Description
BeRex’s BIF3 is a high performance InGaP/GaAs HBT MMIC amplifier, internally matched to 50 Ohms and uses a patented over voltage protection circuit to protect internal device. The BIF3 is designed for high linearity IF amplifier that requires excellent gain, high OIP3 and flatness. It is packaged in a RoHS2-compliant with SOT-89 surface mount package.

Applications
• Base station Infrastructure/RFID
• Commercial/Industrial/Military wireless system




Similar Part No. - BIF3

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BIF3 BEREX-BIF3 Datasheet
1Mb / 9P
5-800 MHz Internally Matched IF Amplifier
BIF3 BEREX-BIF3 Datasheet
451Kb / 9P
50-800 MHz Internally Matched IF Amplifier
BIF3 BEREX-BIF3 Datasheet
1Mb / 9P
5-800 MHz Internally Matched IF Amplifier
BIF3 BEREX-BIF3 Datasheet
982Kb / 9P
5-800 MHz Internally Matched IF Amplifier
BIF3 BEREX-BIF3_1 Datasheet
1Mb / 9P
5-800 MHz Internally Matched IF Amplifier
More results


Similar Description - BIF3

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BG20B BEREX-BG20B Datasheet
470Kb / 10P
5-800 MHz Internally Matched IF Amplifier
BG20A BEREX-BG20A_1 Datasheet
1Mb / 8P
5-800 MHz Internally Matched IF Amplifier
BIF1 BEREX-BIF1_1 Datasheet
1Mb / 9P
5-800 MHz Internally Matched IF Amplifier
BIF5 BEREX-BIF5_1 Datasheet
1Mb / 11P
5-800 MHz Internally Matched IF Amplifier
BIF7 BEREX-BIF7_1 Datasheet
1Mb / 10P
5-800 MHz Internally Matched IF Amplifier
BG20B BEREX-BG20B_16 Datasheet
1Mb / 9P
5-800 MHz Internally Matched IF Amplifier
BIF3 BEREX-BIF3_16 Datasheet
1Mb / 9P
5-800 MHz Internally Matched IF Amplifier
BIF7 BEREX-BIF7_16 Datasheet
1Mb / 10P
5-800 MHz Internally Matched IF Amplifier
BG20A BEREX-BG20A_18 Datasheet
1Mb / 8P
5-800 MHz Internally Matched IF Amplifier
BIF7 BEREX-BIF7_18 Datasheet
1Mb / 10P
5-800 MHz Internally Matched IF Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com