Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BIF5 Datasheet (PDF) - BeRex Corporation

BIF5 Datasheet PDF - BeRex Corporation
Part # BIF5
Download  BIF5 Download
File Size   1693.85 Kbytes
Page   11 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 5-800 MHz Internally Matched IF Amplifier

BIF5 Datasheet (PDF)

Go To PDF Page Download Datasheet
BIF5 Datasheet PDF - BeRex Corporation

Part # BIF5
Download  BIF5 Click to download

File Size   1693.85 Kbytes
Page   11 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 5-800 MHz Internally Matched IF Amplifier

BIF5 Datasheet (HTML) - BeRex Corporation


BIF5 Product details

Device Features
• OIP3 = 43.0 dBm @ 70 MHz
• Gain = 17.5 dB @ 70 MHz
• Output P1 dB = 20.5 dBm @ 70 MHz
• Patented temperature compensation
• Patented over voltage protection
• RoHS2-compliant SOT-89 SMT package

Product Description
BeRex’s BIF5 is a high performance InGaP/GaAs HBT MMIC amplifier, internally matched to 50 Ohms and uses a patented temperature compensation circuit to provide stable current over the operating temperature range without the need for external components and a patented over voltage protection circuit to protect a internal device. The BIF5 is designed for high linearity IF amplifier that requires excellent gain, high OIP3 and flatness. It is packaged in a RoHS2-compliant with SOT-89 surface mount package.

Applications
• Base station Infrastructure/RFID
• Commercial/Industrial/Military wireless system




Similar Part No. - BIF5

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BIF5 BEREX-BIF5 Datasheet
1Mb / 11P
5-800 MHz Internally Matched IF Amplifier
BIF5 BEREX-BIF5 Datasheet
762Kb / 10P
50-800 MHz Internally Matched IF Amplifier
BIF5 BEREX-BIF5 Datasheet
1Mb / 11P
5-800 MHz Internally Matched IF Amplifier
BIF5 BEREX-BIF5 Datasheet
1Mb / 11P
5-800 MHz Internally Matched IF Amplifier
BIF5 BEREX-BIF5_1 Datasheet
1Mb / 11P
5-800 MHz Internally Matched IF Amplifier
More results


Similar Description - BIF5

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BG20B BEREX-BG20B Datasheet
470Kb / 10P
5-800 MHz Internally Matched IF Amplifier
BG20A BEREX-BG20A_1 Datasheet
1Mb / 8P
5-800 MHz Internally Matched IF Amplifier
BIF1 BEREX-BIF1_1 Datasheet
1Mb / 9P
5-800 MHz Internally Matched IF Amplifier
BIF5 BEREX-BIF5_1 Datasheet
1Mb / 11P
5-800 MHz Internally Matched IF Amplifier
BIF7 BEREX-BIF7_1 Datasheet
1Mb / 10P
5-800 MHz Internally Matched IF Amplifier
BG20B BEREX-BG20B_16 Datasheet
1Mb / 9P
5-800 MHz Internally Matched IF Amplifier
BIF3 BEREX-BIF3_16 Datasheet
1Mb / 9P
5-800 MHz Internally Matched IF Amplifier
BIF7 BEREX-BIF7_16 Datasheet
1Mb / 10P
5-800 MHz Internally Matched IF Amplifier
BG20A BEREX-BG20A_18 Datasheet
1Mb / 8P
5-800 MHz Internally Matched IF Amplifier
BIF7 BEREX-BIF7_18 Datasheet
1Mb / 10P
5-800 MHz Internally Matched IF Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com