Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BIG8 Datasheet (PDF) - BeRex Corporation

BIG8 Datasheet PDF - BeRex Corporation
Part # BIG8
Download  BIG8 Download
File Size   1273.89 Kbytes
Page   12 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 50-600 MHz Internally Matched IF Amplifier

BIG8 Datasheet (PDF)

Go To PDF Page Download Datasheet
BIG8 Datasheet PDF - BeRex Corporation

Part # BIG8
Download  BIG8 Click to download

File Size   1273.89 Kbytes
Page   12 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 50-600 MHz Internally Matched IF Amplifier

BIG8 Datasheet (HTML) - BeRex Corporation


BIG8 Product details

Device Features
• OIP3 = 40.0 dBm @ 140 MHz
• Gain = 27.0 dB @ 140 MHz
• Output P1 dB = 21.0 dBm @ 140 MHz
• NF = 2.7 @ 70MHz at Demo Board
• RoHS2-compliant SOT-89 SMT package

Product Description
BeRex’s BIG8 is a high performance InGaP/GaAs HBT MMIC amplifier, internally matched to 50 Ohms. The BIG8 is designed for high linearity IF amplifier that require excellent gain ,high OIP3 and flatness. It is packaged in a RoHS2-compliant with SOT-89 surface mount package.

Applications
• Base station Infrastructure/RFID
• Commercial/Industrial




Similar Part No. - BIG8

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BIG8 BEREX-BIG8 Datasheet
1Mb / 11P
50-600 MHz Internally Matched IF Amplifier
BIG8 BEREX-BIG8 Datasheet
1Mb / 11P
50-600 MHz Internally Matched IF Amplifier
BIG8 BEREX-BIG8 Datasheet
1Mb / 1P
50-600 MHz Internally Matched IF Amplifier
BIG8 BEREX-BIG8_17 Datasheet
1Mb / 11P
50-600 MHz Internally Matched IF Amplifier
BIG8 BEREX-BIG8_18 Datasheet
1Mb / 1P
50-600 MHz Internally Matched IF Amplifier
More results


Similar Description - BIG8

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BIF3 BEREX-BIF3 Datasheet
451Kb / 9P
50-800 MHz Internally Matched IF Amplifier
BIF7 BEREX-BIF7 Datasheet
775Kb / 10P
50-800 MHz Internally Matched IF Amplifier
BCIF7 BEREX-BCIF7 Datasheet
362Kb / 7P
50-800 MHz Internally Matched IF Amplifier
BIG8 BEREX-BIG8 Datasheet
1Mb / 11P
50-600 MHz Internally Matched IF Amplifier
BIG4 BEREX-BIG4 Datasheet
1Mb / 10P
50-600 MHz Internally Matched IF Amplifier
BIG2 BEREX-BIG2 Datasheet
1Mb / 10P
50-600 MHz Internally Matched IF Amplifier
BIG8 BEREX-BIG8_17 Datasheet
1Mb / 11P
50-600 MHz Internally Matched IF Amplifier
BIG2 BEREX-BIG2_18 Datasheet
1Mb / 10P
50-600 MHz Internally Matched IF Amplifier
BIG4 BEREX-BIG4_18 Datasheet
801Kb / 10P
50-600 MHz Internally Matched IF Amplifier
BIG8 BEREX-BIG8_18 Datasheet
1Mb / 1P
50-600 MHz Internally Matched IF Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com