Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W160 Datasheet (PDF) - STMicroelectronics

M29W160 Datasheet PDF - STMicroelectronics
Part # M29W160
Download  M29W160 Download
File Size   170.65 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 Mbit 2Mb x8 or 1Mb x16, Boot Block Low Voltage Single Supply Flash Memory

M29W160 Datasheet (PDF)

Go To PDF Page Download Datasheet
M29W160 Datasheet PDF - STMicroelectronics

Part # M29W160
Download  M29W160 Click to download

File Size   170.65 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 Mbit 2Mb x8 or 1Mb x16, Boot Block Low Voltage Single Supply Flash Memory

M29W160 Datasheet (HTML) - STMicroelectronics


M29W160 Product details

SUMMARY DESCRIPTION

The M29W160B is a 16 Mbit (2Mb x8 or 1Mb x16) non-volatile memory that can be read, erased and reprogrammed. These operations can be performed using a single low voltage (2.7 to 3.6V) supply. On power-up the memory defaults to its Read mode where it can be read in the same way as a ROM or EPROM.



■ SINGLE 2.7 to 3.6V SUPPLY VOLTAGE for PROGRAM, ERASE and READ OPERATIONS

■ ACCESS TIME: 70ns

■ PROGRAMMING TIME

– 10µs per Byte/Word typical

■ 35 MEMORY BLOCKS

– 1 Boot Block (Top or Bottom Location)

– 2 Parameter and 32 Main Blocks

■ PROGRAM/ERASE CONTROLLER

– Embedded Byte/Word Program algorithm

– Embedded Multi-Block/Chip Erase algorithm

– Status Register Polling and Toggle Bits

– Ready/Busy Output Pin

■ ERASE SUSPEND and RESUME MODES

– Read and Program another Block during Erase Suspend

■ UNLOCK BYPASS PROGRAM COMMAND

– Faster Production/Batch Programming

■ TEMPORARY BLOCK UNPROTECTION MODE

■ SECURITY MEMORY BLOCK

■ LOW POWER CONSUMPTION

– Standby and Automatic Standby

■ 100,000 PROGRAM/ERASE CYCLES per BLOCK

■ 20 YEARS DATA RETENTION

– Defectivity below 1 ppm/year

■ ELECTRONIC SIGNATURE

– Manufacturer Code: 0020h

– Top Device Code M29W160BT: 22C4h

– Bottom Device Code M29W160BB: 2249h




Similar Part No. - M29W160

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W160DB STMICROELECTRONICS-M29W160DB Datasheet
256Kb / 42P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
24-Jun-2002
M29W160DB STMICROELECTRONICS-M29W160DB Datasheet
386Kb / 29P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
Jan-2001
M29W160DB70M1 STMICROELECTRONICS-M29W160DB70M1 Datasheet
386Kb / 29P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
Jan-2001
M29W160DB70M1E STMICROELECTRONICS-M29W160DB70M1E Datasheet
386Kb / 29P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
Jan-2001
M29W160DB70M1F STMICROELECTRONICS-M29W160DB70M1F Datasheet
386Kb / 29P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
Jan-2001
More results


Similar Description - M29W160

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F160BT STMICROELECTRONICS-M29F160BT Datasheet
174Kb / 22P
16 Mbit 2Mb x8 or 1Mb x16, Boot Block Single Supply Flash Memory
30-Mar-2000
M29F800AT STMICROELECTRONICS-M29F800AT Datasheet
142Kb / 21P
8 Mbit 1Mb x8 or 512Kb x16, Boot Block Single Supply Flash Memory
14-Jan-2000
M29W800AT STMICROELECTRONICS-M29W800AT Datasheet
234Kb / 33P
8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory
06-Mar-2000
M29W800T STMICROELECTRONICS-M29W800T Datasheet
233Kb / 33P
8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory
Jun-1999
M29W160ET STMICROELECTRONICS-M29W160ET Datasheet
665Kb / 40P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
M29W160DB STMICROELECTRONICS-M29W160DB Datasheet
256Kb / 42P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
24-Jun-2002
M29W160DT STMICROELECTRONICS-M29W160DT Datasheet
386Kb / 29P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
Jan-2001
M29W800AT STMICROELECTRONICS-M29W800AT_04 Datasheet
717Kb / 40P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
09-Mar-2004
logo
Numonyx B.V
M29W160ET NUMONYX-M29W160ET Datasheet
1Mb / 40P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
M29W160ET70N3E NUMONYX-M29W160ET70N3E Datasheet
813Kb / 42P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com