Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M40Z300 Datasheet (PDF) - STMicroelectronics

M40Z300 Datasheet PDF - STMicroelectronics
Part # M40Z300
Download  M40Z300 Download
File Size   128.57 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description NVRAM CONTROLLER for up to EIGHT LPSRAM

M40Z300 Datasheet (PDF)

Go To PDF Page Download Datasheet
M40Z300 Datasheet PDF - STMicroelectronics

Part # M40Z300
Download  M40Z300 Click to download

File Size   128.57 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description NVRAM CONTROLLER for up to EIGHT LPSRAM

M40Z300 Datasheet (HTML) - STMicroelectronics


M40Z300 Product details

Description
The M40Z300/W NVRAM supervisor is a self-contained device which converts a standard low-power SRAM into a non-volatile memory. A precision voltage reference and comparator monitors the VCC input for an out-of-tolerance condition.

Features
■ Converts low power SRAM into NVRAMs
■ Precision power monitoring and power
   switching circuitry
■ Automatic WRITE-protection when VCC is outof-tolerance
■ Two-input decoder allows control for up to
   8 SRAMs (with 2 devices active in parallel)
■ Choice of supply voltages and power-fail
   deselect voltages:
   – M40Z300:
      VCC = 4.5 V to 5.5 V
      THS = VSS: 4.5 V ≤ VPFD ≤ 4.75 V
      THS = VOUT: 4.2 V ≤ VPFD ≤ 4.5 V
   – M40Z300W:
      VCC = 3.0 V to 3.6 V
      THS = VSS: 2.8 V ≤ VPFD ≤ 3.0 V
      VCC = 2.7 V to 3.3 V
      THS = VOUT: 2.5 V ≤ VPFD ≤ 2.7 V
■ Reset output (RST) for power on reset
■ Battery low pin (BL)
■ Less than 12 ns chip enable access
   propagation delay (for 5.0 V device)
■ Packaging includes a 28-lead SOIC and
   SNAPHAT® top (to be ordered separately), or
   A 16-lead SOIC
■ SOIC package provides direct connection for a
   SNAPHAT top which contains the battery
■ RoHS compliant
   – Lead-free second level interconnect




Similar Part No. - M40Z300

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M40Z300 STMICROELECTRONICS-M40Z300 Datasheet
348Kb / 21P
5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs
Feb-2005
M40Z300 STMICROELECTRONICS-M40Z300 Datasheet
221Kb / 25P
5V or 3V NVRAM supervisor for up to 8 LPSRAMs
05-Nov-2007
M40Z300 STMICROELECTRONICS-M40Z300 Datasheet
431Kb / 25P
5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
19-Oct-2010
M40Z300AV STMICROELECTRONICS-M40Z300AV Datasheet
272Kb / 20P
3V NVRAM Supervisor for Up to 8 LPSRAMs
14-Nov-2003
M40Z300AVMH1E STMICROELECTRONICS-M40Z300AVMH1E Datasheet
272Kb / 20P
3V NVRAM Supervisor for Up to 8 LPSRAMs
14-Nov-2003
More results


Similar Description - M40Z300

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M40SZ100Y STMICROELECTRONICS-M40SZ100Y Datasheet
285Kb / 19P
5V or 3V NVRAM SUPERVISOR FOR LPSRAM
Rev. 1.3
M40Z111 STMICROELECTRONICS-M40Z111 Datasheet
107Kb / 15P
5V OR 3V NVRAM SUPERVISOR FOR UP TO TWO LPSRAMs
13-May-2002
M40Z300AV STMICROELECTRONICS-M40Z300AV Datasheet
272Kb / 20P
3V NVRAM Supervisor for Up to 8 LPSRAMs
14-Nov-2003
M40Z300 STMICROELECTRONICS-M40Z300_05 Datasheet
348Kb / 21P
5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs
Feb-2005
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_07 Datasheet
230Kb / 25P
5V or 3V NVRAM supervisor for LPSRAM
20-Nov-2007
M40Z111 STMICROELECTRONICS-M40Z111_07 Datasheet
180Kb / 21P
5V or 3V NVRAM supervisor for up to two LPSRAMs
12-Nov-2007
M40Z300 STMICROELECTRONICS-M40Z300_07 Datasheet
221Kb / 25P
5V or 3V NVRAM supervisor for up to 8 LPSRAMs
05-Nov-2007
M40Z300 STMICROELECTRONICS-M40Z300_10 Datasheet
431Kb / 25P
5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
19-Oct-2010
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_10 Datasheet
442Kb / 24P
5 V or 3 V NVRAM supervisor for LPSRAM
25-Oct-2010
logo
Gennum Corporation
3374N GENNUM-3374N Datasheet
171Kb / 9P
Protects up to eight lines
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com