Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW4196 Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NJW4196 Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NJW4196
Download  NJW4196 Download
File Size   513.6 Kbytes
Page   24 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Internal 3.5A MOSFET Switching Regulator IC for Buck Converter

NJW4196 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJW4196 Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NJW4196
Download  NJW4196 Click to download

File Size   513.6 Kbytes
Page   24 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Internal 3.5A MOSFET Switching Regulator IC for Buck Converter

NJW4196 Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NJW4196 Product details

FEATURES
● Fast transient response at recovering from voltage drop
● External clock synchronization
● Operating voltage range 4.45V to 40V
● Switching current 5A min.
● Oscillating frequency C ver. 450kHz
J ver. 100k to 1000kHz
● PWM control
● Maximum 100% duty cycle
● Adjustable soft start function
● Corresponds to MLCC
● UVLO function
● Over Current Protection (Hiccup type)
● Thermal shutdown protection
● Power Good function
● Standby function
● Package outline HSOP8




Similar Part No. - NJW4196

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4196 NJRC-NJW4196 Datasheet
285Kb / 11P
Internal 3.5A MOSFET Switching Regulator IC for Buck Converter
NJW4196GM1-A NJRC-NJW4196GM1-A Datasheet
285Kb / 11P
Internal 3.5A MOSFET Switching Regulator IC for Buck Converter
NJW4196GM1-J NJRC-NJW4196GM1-J Datasheet
285Kb / 11P
Internal 3.5A MOSFET Switching Regulator IC for Buck Converter
More results


Similar Description - NJW4196

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4150 NJRC-NJW4150 Datasheet
129Kb / 8P
Internal 34V MOSFET Switching Regulator IC for Buck Converter
NJW4154 NJRC-NJW4154 Datasheet
281Kb / 22P
Switching Regulator IC for Buck Converter
NJW4158 NJRC-NJW4158 Datasheet
132Kb / 8P
Switching Regulator IC for Buck Converter
NJW4150A NJRC-NJW4150A Datasheet
240Kb / 9P
Internal 40V MOSFET Switching Regulator IC for Buck Converter
NJW4152A NJRC-NJW4152A Datasheet
535Kb / 23P
Switching Regulator IC for Buck Converter
NJW4152-AB NJRC-NJW4152-AB_15 Datasheet
554Kb / 23P
Switching Regulator IC for Buck Converter
NJW4155 NJRC-NJW4155 Datasheet
539Kb / 25P
Current Mode Control Internal 1.8A MOSFET Switching Regulator IC for Buck Converter
NJW4160 NJRC-NJW4160 Datasheet
479Kb / 22P
Switching Regulator IC for Buck Converter
NJW4161 NJRC-NJW4161 Datasheet
419Kb / 19P
MOSFET Drive Switching Regulator IC for Buck Converter
NJW4196 NJRC-NJW4196 Datasheet
285Kb / 11P
Internal 3.5A MOSFET Switching Regulator IC for Buck Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com