Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CMA103574R1000 Datasheet (PDF) - ABB

2CMA103574R1000 Datasheet PDF - ABB
Part # 2CMA103574R1000
Download  2CMA103574R1000 Download
File Size   115.87 Kbytes
Page   4 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description C13 110-101, Energy meter Steel, None, Threephase, 5 A

2CMA103574R1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
2CMA103574R1000 Datasheet PDF - ABB

Part # 2CMA103574R1000
Download  2CMA103574R1000 Click to download

File Size   115.87 Kbytes
Page   4 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description C13 110-101, Energy meter Steel, None, Threephase, 5 A

2CMA103574R1000 Datasheet (HTML) - ABB


2CMA103574R1000 Product details

Extended Product Type C13 110-101
Product ID 2CMA103574R1000
EAN 7392696035743
Catalog Description C13 110-101, Energy meter'Steel', None, Three-phase, 5 A
Long Description
Basic compact meters for use in residential applications for single or multi family houses or
in stand alone applications. To be used in a four wire system. The meter has instrumentation
values. Three phase direct connected for active energy. One output for pulses or alarm etc.
Accuracy class 1.0 (or B for MID meters). The meters is IEC approved + MID approved and
verified. 1000 imp/kWh.
General Information




Similar Part No. - 2CMA103574R1000

ManufacturerPart #DatasheetDescription
logo
ABB
2CMA100012R1000 ABB-2CMA100012R1000 Datasheet
1Mb / 2P
Three phase electricity meters A43 and A44 EQ meters in Bronze version from ABB
2CMA100031R1000 ABB-2CMA100031R1000 Datasheet
1Mb / 2P
Three phase electricity meters A43 and A44 EQ meters in Bronze version from ABB
2CMA100150R1000 ABB-2CMA100150R1000 Datasheet
10Mb / 220P
Intelligent Building Solutions ABB i-bus® KNX Product Range Overview 2015/2016
2CMA100166R1000 ABB-2CMA100166R1000 Datasheet
284Kb / 3P
Active Energy Class ±1% (or B for MID meters). Reactive Energy Class ±2%.;
2CMA100177R1000 ABB-2CMA100177R1000 Datasheet
10Mb / 220P
Intelligent Building Solutions ABB i-bus® KNX Product Range Overview 2015/2016
More results


Similar Description - 2CMA103574R1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM10DIN ETC2-EM10DIN Datasheet
134Kb / 4P
Energy Management Energy Meter
logo
Teridian Semiconductor ...
71M6521DE TERIDIAN-71M6521DE Datasheet
1Mb / 101P
Energy Meter IC
logo
Maxim Integrated Produc...
71M6541D_1111 MAXIM-71M6541D_1111 Datasheet
2Mb / 166P
Energy Meter ICs
Rev 2; 11/11
logo
SELEC Controls Pvt. Ltd
EM306A SELEC-EM306A Datasheet
406Kb / 1P
Energy Meter
EM368 SELEC-EM368 Datasheet
554Kb / 2P
Energy Meter
logo
Schneider Electric
A9MEM3100 SCHNEIDER-A9MEM3100 Datasheet
127Kb / 3P
iEM3000 energy meter - 63 A
May 21, 2020
A9MEM3150 SCHNEIDER-A9MEM3150 Datasheet
128Kb / 3P
iEM3150 energy meter - 63 A - Modbus
May 21, 2020
A9MEM3300 SCHNEIDER-A9MEM3300 Datasheet
110Kb / 2P
iEM3300 energy meter - 125 A
A9MEM3350 SCHNEIDER-A9MEM3350 Datasheet
113Kb / 2P
iEM3350 energy meter - 125 A - Modbus
logo
SELEC Controls Pvt. Ltd
EM306 SELEC-EM306 Datasheet
67Kb / 1P
Energy Meter
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com