Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

216RAU6 Datasheet (PDF) - ABB

216RAU6 Datasheet PDF - ABB
Part # 216RAU6
Download  216RAU6 Download
File Size   53.61 Kbytes
Page   2 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description Socket-outlet, panel mounting, 6h, 16A, IP44, unified flange, angled, 2PE

216RAU6 Datasheet (PDF)

Go To PDF Page Download Datasheet
216RAU6 Datasheet PDF - ABB

Part # 216RAU6
Download  216RAU6 Click to download

File Size   53.61 Kbytes
Page   2 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description Socket-outlet, panel mounting, 6h, 16A, IP44, unified flange, angled, 2PE

216RAU6 Datasheet (HTML) - ABB


216RAU6 Product details

Extended Product Type:
Product ID:
EAN:
Catalog Description:
Long Description:
General Information
216RAU6
2CMA193218R1000
7392696932189
Socket-outlet, panel mounting, 6h, 16A, IP44, unified flange, angled, 2P+E
Socket-outlet, panel mounting, earthing sleeve position 6h, rated current 16A, IP44
splashproof, unified flange, angled, 2-poles+earth, frequency 50-60 Hz, color code Blue




Similar Part No. - 216RAU6

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
216 RFSOLUTIONS-216 Datasheet
396Kb / 11P
Modular Radio Telemetry System
logo
Marl International Limi...
216 MARL-216 Datasheet
220Kb / 4P
Direct replacement for BA22
logo
Alpha Wire
216 ALPHAWIRE-216 Datasheet
135Kb / 2P
Mini 7/8" Female 3 Pin Field Attachable
logo
Aries Electronics, Inc.
216 ARIES-216 Datasheet
1Mb / 2P
Easy Identification and Tracing with 10-color Cable
logo
Littelfuse
216 LITTELFUSE-216 Datasheet
1Mb / 4P
5횞20mm fast-acting ceramic body cartridge fuse designed to IEC specification
More results


Similar Description - 216RAU6

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
OMT200 OHMITE-OMT200 Datasheet
42Kb / 1P
Flange Mounting/Panel Mounting Types
logo
PowerDynamics, Inc
43R07-1121 POWERDYNAMICS-43R07-1121 Datasheet
47Kb / 1P
16A/20A IEC 60320 APPL. OUTLET; QC TERMINALS; SIDE FLANGE, PANEL MOUNT
logo
TE Connectivity Ltd
K10 TEC-K10 Datasheet
185Kb / 3P
Socket, PCB and top flange mounting options
logo
Pepperl+Fuchs Inc.
BF4 PF-BF4 Datasheet
510Kb / 1P
Mounting flange
BF11 PF-BF11 Datasheet
368Kb / 1P
Mounting flange
BF18-F PF-BF18-F Datasheet
735Kb / 2P
Mounting flange
BF-L2 PF-BF-L2 Datasheet
1Mb / 1P
Mounting flange
BF-L3M PF-BF-L3M Datasheet
736Kb / 1P
Mounting flange
logo
Adam Technologies, Inc.
PLF-11A1-6A-Q ADAM-TECH-PLF-11A1-6A-Q Datasheet
326Kb / 2P
EMIRF POWER FILTER, INLET SOCKET, W/FLANGE MOUNTING
Rev. B
logo
List of Unclassifed Man...
077502 ETC-077502 Datasheet
122Kb / 1P
SOCKET OUTLET MOSAIC - EURO-US - 2PE - 2 MODULES - WHITE
May 2018
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com