Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM-IWN.1P Datasheet (PDF) - ABB

CM-IWN.1P Datasheet PDF - ABB
Part # CM-IWN.1P
Download  CM-IWN.1P Download
File Size   286.94 Kbytes
Page   2 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description CM-IWN.1P Insulation monitoring relay 2c/o, 1-100kOhm,2-200kOhm, 24-240VAC/DC

CM-IWN.1P Datasheet (PDF)

Go To PDF Page Download Datasheet
CM-IWN.1P Datasheet PDF - ABB

Part # CM-IWN.1P
Download  CM-IWN.1P Click to download

File Size   286.94 Kbytes
Page   2 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description CM-IWN.1P Insulation monitoring relay 2c/o, 1-100kOhm,2-200kOhm, 24-240VAC/DC

CM-IWN.1P Datasheet (HTML) - ABB


CM-IWN.1P Product details

Extended Product Type CM-IWN.1P
Product ID 1SVR760660R0200
EAN 4016779852661
Catalog Description CM-IWN.1P Insulation monitoring relay 2c/o, 1-100kOhm,2-200kOhm, 24-240VAC/DC
Long Description CM-IWN.1P Insulation monitoring relay 2c/o, 1-100kOhm,2-200kOhm, 24-240VAC/DC System leakage
capacitance 20 μF
General Information




Similar Part No. - CM-IWN.1P

ManufacturerPart #DatasheetDescription
logo
ABB
CM-IWN.1S ABB-CM-IWN.1S Datasheet
287Kb / 2P
CM-IWN.1S Insulation monitoring relay 2c/o, 1-100kOhm,2-200kOhm, 24-240VAC/DC
More results


Similar Description - CM-IWN.1P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1SVR740750R0400 ETC2-1SVR740750R0400 Datasheet
2Mb / 18P
Voltage monitoring relay CM-EFS.2 For single-phase AC/DC voltages
logo
PHOENIX CONTACT
REL-MR-G24 PHOENIX-REL-MR-G24 Datasheet
108Kb / 4P
Pluggable replacement miniature relay, 1 N/O contact, input voltage 24 V DC
logo
Beijing Yaohuadechang E...
JDJ YHDC-JDJ Datasheet
5Mb / 1P
Monitoring relay
JDL YHDC-JDL Datasheet
5Mb / 1P
Monitoring relay
JDS YHDC-JDS Datasheet
1Mb / 1P
Monitoring relay
JDY YHDC-JDY Datasheet
1Mb / 1P
Monitoring relay
logo
PHOENIX CONTACT
2898142 PHOENIX-2898142 Datasheet
91Kb / 4P
Relay connectors - ST-REL4-SG 24-2/1-1
logo
ABB
1SVR730840R0600 ABB-1SVR730840R0600 Datasheet
104Kb / 4P
CM-SRS.M1S Current monitoring relay 2c/o, BC= 3mA-1A RMS, 24-240VAC/DC
logo
Belden Inc.
1266A BELDEN-1266A Datasheet
175Kb / 2P
Audio Cable, #22-2c, TC, O/A Foil, CM
03-31-2023
1508A BELDEN-1508A Datasheet
176Kb / 2P
Audio Cable, #24-2c, TC, O/A Foil, CM
03-04-2023
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com