Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS732 Datasheet (PDF) - Texas Instruments

TPS732 Datasheet PDF - Texas Instruments
Part # TPS732
Download  TPS732 Download
File Size   2808.59 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS732-Q1 Automotive, Cap-Free, NMOS, 250mA, Low-Dropout Regulator With Reverse-Current Protection

TPS732 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS732 Datasheet PDF - Texas Instruments

Part # TPS732
Download  TPS732 Click to download

File Size   2808.59 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS732-Q1 Automotive, Cap-Free, NMOS, 250mA, Low-Dropout Regulator With Reverse-Current Protection

TPS732 Datasheet (HTML) - Texas Instruments


TPS732 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature grade 0: –40°C to 150°C, TA
– Device HBM classification level 2
– Device CDM classification level C4B
– Device MM classification level M2
• Stable with no output capacitor or any value or
type of capacitor
• Input voltage range: 1.7V to 5.5V
• Ultra-low dropout voltage: 40mV typical at 250mA
• Excellent load transient response—with or without
optional output capacitor
• NMOS topology provides low reverse leakage
current
• Low noise: 30μVRMS typical (10kHz to 100kHz)
• Initial accuracy: 0.5%
• 1% overall accuracy (line, load, and temperature)
• Less than 1μA maximum IQ in shutdown mode
• Thermal shutdown and specified minimum and
maximum current limit protection
• Available in multiple output voltage versions:
– Fixed outputs of 1.2V, 1.5V, 1.6V, 1.8V, 2.5V,
3V, 3.3V, and 5V
– Adjustable outputs from 1.2V to 5.5V
– Custom outputs available

2 Applications
• Portable and battery-powered equipment
• Post-regulation for switching supplies
• Noise-sensitive circuitry such as VCOs
• Point of load regulation for DSPs, FPGAs, ASICs,
and microprocessors

3 Description
The TPS732-Q1 low-dropout (LDO) voltage regulator
uses an NMOS topology consisting of an NMOS
pass transient in a voltage-follower configuration. This
topology is stable using output capacitors with low
ESR, and even allows operation without a capacitor.
The topology also provides high reverse blockage
(low reverse current) and ground pin current that is
nearly constant over all values of output current.
The TPS732-Q1 uses an advanced BiCMOS process
to yield high precision while delivering low dropout
voltages and low ground pin current. Current
consumption, when not enabled, is under 1μA and
designed for portable applications. The extremely low
output noise (30μVRMS with 0.1μF CNR) is designed
for powering VCOs. This device is protected by
thermal shutdown and foldback current limit.




Similar Part No. - TPS732

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS732 TI1-TPS732 Datasheet
1Mb / 39P
250-mA Low-Dropout Regulator
TPS732 TI-TPS732 Datasheet
2Mb / 49P
TPS732 Capacitor-Free, NMOS, 250mA, Low-Dropout Regulator With Reverse Current Protection
SEPTEMBER 2024
logo
TECH PUBLIC Electronics...
TPS732 TECHPUBLIC-TPS732 Datasheet
2Mb / 5P
250mA High Speed LDO Regulator
logo
Texas Instruments
TPS732 TI1-TPS732 Datasheet
2Mb / 43P
TPS732-Q1 Automotive, Cap-Free, NMOS, 250mA, Low-Dropout Regulator With Reverse-Current Protection
DECEMBER 2024
TPS732 TI2-TPS732 Datasheet
2Mb / 47P
TPS732 Capacitor-Free, NMOS, 250mA, Low-Dropout Regulator With Reverse Current Protection
REVISED MAY 2025
More results


Similar Description - TPS732

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73601 TI-TPS73601 Datasheet
652Kb / 27P
Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73201 TI-TPS73201 Datasheet
427Kb / 18P
Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS732XX TI-TPS732XX Datasheet
678Kb / 23P
Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_07 Datasheet
722Kb / 23P
Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS732XX TI-TPS732XX_08 Datasheet
919Kb / 26P
Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73218-Q1 TI1-TPS73218-Q1 Datasheet
955Kb / 21P
Cap-Free, NMOS, 250mA Low-Dropout Regulator with Reverse Current Protection
TPS73625QDBVRQ1 TI-TPS73625QDBVRQ1 Datasheet
1Mb / 32P
Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS731 TI-TPS731 Datasheet
907Kb / 24P
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73601-Q1 TI1-TPS73601-Q1_16 Datasheet
1Mb / 28P
TPS736xx-Q1, Cap-Free, NMOS, 400-mA Low-Dropout Regulator With Reverse Current Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com